Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INN3365C Datasheet (PDF) - Power Integrations, Inc.

INN3365C Datasheet PDF - Power Integrations, Inc.
Part # INN3365C
Download  INN3365C Download
File Size   3907.53 Kbytes
Page   58 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Digitally Controllable Off-Line CV/CC QR Flyback Switcher IC with Integrated High-Voltage Switch, Synchronous Rectification and FluxLink Feedback

INN3365C Datasheet (PDF)

Go To PDF Page Download Datasheet
INN3365C Datasheet PDF - Power Integrations, Inc.

Part # INN3365C
Download  INN3365C Click to download

File Size   3907.53 Kbytes
Page   58 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Digitally Controllable Off-Line CV/CC QR Flyback Switcher IC with Integrated High-Voltage Switch, Synchronous Rectification and FluxLink Feedback

INN3365C Datasheet (HTML) - Power Integrations, Inc.


INN3365C Product details

Digitally Controlled via I2C Interface
• Dynamic adjustment of power supply voltage and current
• Telemetry for power supply status and fault monitoring
• Comprehensive set of configurable protection features
• PowiGaN™ technology – up to 100 W without heatsinks (INN3378C,
INN3379C and INN3370C)
Highly Integrated, Compact Footprint
• Multi-mode Quasi-Resonant (QR) / DCM / CCM flyback controller,
high-voltage switch, secondary-side sensing and synchronous
rectifier driver
• Optimized efficiency across line and load range
• Integrated FluxLink™, HIPOT-isolated, feedback link
• Instantaneous transient response
• Drives low-cost N-channel FET series load switch
• Integrated 3.6 V supply for external MCU
EcoSmart™ – Energy Efficient
• Less than 30 mW no-load including line sense and MCU
• Enables power supply designs that easily comply with all global
energy efficiency regulations
• Low heat dissipation
Advanced Protection / Safety Features
• Input voltage monitoring with accurate brown-in/brown-out and
overvoltage protection
• Output OV/UV fault detection with independently configured
responses
• Open SR FET gate detection
• Hysteretic thermal shutdown
• Programmable watchdog timer for system faults
Full Safety and Regulatory Compliance
• Reinforced insulation
• Isolation voltage >4000 VAC
• 100% production HIPOT compliance testing
• UL1577 isolation voltage 4000 VAC (max) and TUV (EN62368)
safety approved
Green Package
• Halogen free and RoHS compliant
Applications
• High efficiency USB PD 3.0 + PPS/QC adapters
• Multi protocol adapters including QuickCharge, AFC, FCP, SCP
• Direct-charge mobile device chargers
• Multi-chemistry tool and general purpose battery chargers
• Adjustable CV and CC LED ballast
Description
The InnoSwitch™3-Pro series family of ICs dramatically simplifies the
development and manufacturing of fully programmable, highly efficient
power supplies, particularly those in compact enclosures. The universal
I2C interface enables dynamic control of output voltage and current
along with many configurable features. Telemetry provides reporting
of programmed features and fault modes.




Similar Part No. - INN3365C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INN3072M POWERINT-INN3072M Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
INN3072M-H606-TL POWERINT-INN3072M-H606-TL Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
INN3073M POWERINT-INN3073M Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
INN3073M-H606-TL POWERINT-INN3073M-H606-TL Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
INN3074M POWERINT-INN3074M Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
More results


Similar Description - INN3365C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INN2023K-TL POWERINT-INN2023K-TL Datasheet
2Mb / 26P
Off-Line CV/CC Flyback Switcher IC with Integrated 650 V MOSFET, Synchronous Rectification and Feedback
June 2020
INN3072M POWERINT-INN3072M Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
INN3162C POWERINT-INN3162C Datasheet
2Mb / 33P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
November 2022
INN3264C POWERINT-INN3264C Datasheet
2Mb / 40P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification, FluxLink Feedback and Constant Power Profile
November 2022
INN3464C POWERINT-INN3464C Datasheet
1Mb / 20P
Off-Line Multiple Output QR Flyback Switcher IC with Integrated 650 V, 725 V or 750 V Switch, Synchronous Rectification and FluxLink Feedback
July 2021
INN3672C POWERINT-INN3672C Datasheet
3Mb / 41P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN3865C POWERINT-INN3865C Datasheet
2Mb / 44P
Off-Line QR Flyback Switcher IC with Integrated USB Type-C and USB PD Controller, High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN4373F POWERINT-INN4373F Datasheet
3Mb / 54P
Digitally Controllable Off-Line CV/CC ZVS Flyback Switcher IC with 750 V PowiGaN, Active Clamp Drive and Synchronous Rectification
November 2022
LYT6063C POWERINT-LYT6063C Datasheet
2Mb / 38P
Flyback CV/CC LED Driver IC with Integrated High-Voltage Switch and FluxLink Feedback
June 2020
SC1933C POWERINT-SC1933C Datasheet
1Mb / 28P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2018
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com