Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INN3073M Datasheet (PDF) - Power Integrations, Inc.

INN3073M Datasheet PDF - Power Integrations, Inc.
Part # INN3073M
Download  INN3073M Download
File Size   1571.92 Kbytes
Page   23 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control

INN3073M Datasheet (PDF)

Go To PDF Page Download Datasheet
INN3073M Datasheet PDF - Power Integrations, Inc.

Part # INN3073M
Download  INN3073M Click to download

File Size   1571.92 Kbytes
Page   23 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control

INN3073M Datasheet (HTML) - Power Integrations, Inc.


INN3073M Product details

Ideal for Isolated and Non-Isolated Applications
• Flybacks with positive and negative output rails
• Incorporates a multi-mode Quasi Resonant (QR) / CCM flyback
controller, 725 V primary MOSFET, secondary voltage and current
sensing, SR driver
• Integrated FluxLink™ feedback
• Compact package reduces PCB area
• High efficiency across load range
• Accurate CV/CC independent of transformer design or external
components
• Easily meets 20% regulation limit on 5 V output during zero load to
full-load transients
EcoSmart™ – Energy Efficient
• Less than 5 mW no-load at 230 VAC
• Enables designs that easily meet global energy efficiency regulations
• Achieves up to 90% full load efficiency
Advanced Protection / Safety Features
• Integrated output OVP
• Open-gate detection for SR FET
• Hysteretic thermal shutdown
• Overload power limited <15 W (5 V and <3 A)
• Using accurate internal CC (constant-current) limit
Full Safety and Regulatory Compliance
• Reinforced insulation with isolation voltage >4000 VAC
• 100% production Hipot testing
• UL1577 isolation voltage 4000 VAC (max), TUV (EN62368-1), CQC
(GB4943.1) safety approved. VDE 0884-17 (EN60747-17) pending
approval
• Enables designs that have “class A” performance criteria for
EN61000-4 suite of test standards, including EN61000-4-2, 4-3
(30 V/m), 4-4, 4-5, 4-6, 4-8 (100 A/m) and 4-9 (1000 A/m)
Green Package
• Halogen free and RoHS compliant
Applications
• Auxiliary supplies in appliances and industrial systems




Similar Part No. - INN3073M

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INN3162C POWERINT-INN3162C Datasheet
2Mb / 33P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
November 2022
INN3162C-H101-TL POWERINT-INN3162C-H101-TL Datasheet
2Mb / 33P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
November 2022
INN3162C-H1XX POWERINT-INN3162C-H1XX Datasheet
2Mb / 33P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
November 2022
INN3163C POWERINT-INN3163C Datasheet
2Mb / 33P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
November 2022
INN3163C-H101-TL POWERINT-INN3163C-H101-TL Datasheet
2Mb / 33P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
November 2022
More results


Similar Description - INN3073M

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INN2023K-TL POWERINT-INN2023K-TL Datasheet
2Mb / 26P
Off-Line CV/CC Flyback Switcher IC with Integrated 650 V MOSFET, Synchronous Rectification and Feedback
June 2020
INN2603K-TL POWERINT-INN2603K-TL Datasheet
3Mb / 34P
Off-Line CV/CC Flyback Switcher IC with Integrated 725 V / 900 V MOSFET, Sync-Rect Feedback with Advanced Protection
September 2017
INN3162C POWERINT-INN3162C Datasheet
2Mb / 33P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
November 2022
INN3264C POWERINT-INN3264C Datasheet
2Mb / 40P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification, FluxLink Feedback and Constant Power Profile
November 2022
INN3365C POWERINT-INN3365C Datasheet
3Mb / 58P
Digitally Controllable Off-Line CV/CC QR Flyback Switcher IC with Integrated High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN3464C POWERINT-INN3464C Datasheet
1Mb / 20P
Off-Line Multiple Output QR Flyback Switcher IC with Integrated 650 V, 725 V or 750 V Switch, Synchronous Rectification and FluxLink Feedback
July 2021
INN3672C POWERINT-INN3672C Datasheet
3Mb / 41P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN4072C POWERINT-INN4072C Datasheet
2Mb / 36P
Off-Line CV/CC ZVS Flyback Integrated Switcher IC with 750 V PowiGaN, Active Clamp Drive and Synchronous Rectification
August 2022
INN4373F POWERINT-INN4373F Datasheet
3Mb / 54P
Digitally Controllable Off-Line CV/CC ZVS Flyback Switcher IC with 750 V PowiGaN, Active Clamp Drive and Synchronous Rectification
November 2022
SC1933C POWERINT-SC1933C Datasheet
1Mb / 28P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2018
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com