Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INN3865C Datasheet (PDF) - Power Integrations, Inc.

INN3865C Datasheet PDF - Power Integrations, Inc.
Part # INN3865C
Download  INN3865C Download
File Size   3067.16 Kbytes
Page   44 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Off-Line QR Flyback Switcher IC with Integrated USB Type-C and USB PD Controller, High-Voltage Switch, Synchronous Rectification and FluxLink Feedback

INN3865C Datasheet (PDF)

Go To PDF Page Download Datasheet
INN3865C Datasheet PDF - Power Integrations, Inc.

Part # INN3865C
Download  INN3865C Click to download

File Size   3067.16 Kbytes
Page   44 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Off-Line QR Flyback Switcher IC with Integrated USB Type-C and USB PD Controller, High-Voltage Switch, Synchronous Rectification and FluxLink Feedback

INN3865C Datasheet (HTML) - Power Integrations, Inc.


INN3865C Product details

USB Type C and PD Controller
• USB Power Delivery 3.0 + PPS provider and QC4 support
• Compliant with USB Type-C Rev. 1.3
• Integrated VCONN FETs with soft start and over-current protection
• Supports electronically marked cables
• Configurable pull-up resistor Rp
• On chip temperature sensor
• Telemetry for power supply status and fault monitoring
• PowiGaN™ technology – up to 100 W without heat sinks
• Dedicated NTC pin for temperature sense
Highly Integrated, Compact Footprint
• Multi-mode Quasi-Resonant (QR) / DCM / CCM flyback controller,
high-voltage switch, secondary-side sensing and synchronous
rectifier driver
• Optimized efficiency across line and load range
• Integrated FluxLink™, HIPOT-isolated, feedback link
• Instantaneous transient response
• Drives low-cost N-channel FET series load switch
EcoSmart™ – Energy Efficient
• No-load consumption as low as 14 mW
• Enables power supply designs that easily comply with all global
energy efficiency regulations
• Low heat dissipation
Advanced Protection / Safety Features
• Input voltage monitoring with accurate brown-in/brown-out and
overvoltage protection
• Output OV/UV fault detection with independently configured responses
• Open SR FET gate detection
• Hysteretic thermal shutdown
• Programmable watchdog timer for system faults
• Integrated high voltage FETs for VBUS short protection on CC1, CC2
Full Safety and Regulatory Compliance
• Reinforced insulation
• Isolation voltage >4000 VAC
• 100% production HIPOT compliance testing
• UL1577 isolation voltage 4000 VAC (max) and TUV (EN62368) safety
approved
Green Package
• Halogen free and RoHS compliant
Applications
• High efficiency USB PD 3.0 + PPS adapters for smart phones,
tablets, notebooks, digital cameras, and Bluetooth accessories
• Quick Charge protocol based power adapters
• Direct-charge mobile device chargers
Description
The InnoSwitch™3-PD dramatically simplifies the development and
manufacturing of USB PD power supplies by incorporating primary
switch and controller, isolated feedback, secondary control and USB PD
controller into a single package.




Similar Part No. - INN3865C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INN3072M POWERINT-INN3072M Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
INN3072M-H606-TL POWERINT-INN3072M-H606-TL Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
INN3073M POWERINT-INN3073M Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
INN3073M-H606-TL POWERINT-INN3073M-H606-TL Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
INN3074M POWERINT-INN3074M Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
More results


Similar Description - INN3865C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
USB Type-C and USB PD Controller Power Switch
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
USB Type-C and USB PD Controller and Power Switch
logo
Power Integrations, Inc...
INN2023K-TL POWERINT-INN2023K-TL Datasheet
2Mb / 26P
Off-Line CV/CC Flyback Switcher IC with Integrated 650 V MOSFET, Synchronous Rectification and Feedback
June 2020
INN3162C POWERINT-INN3162C Datasheet
2Mb / 33P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
November 2022
INN3264C POWERINT-INN3264C Datasheet
2Mb / 40P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification, FluxLink Feedback and Constant Power Profile
November 2022
INN3365C POWERINT-INN3365C Datasheet
3Mb / 58P
Digitally Controllable Off-Line CV/CC QR Flyback Switcher IC with Integrated High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN3464C POWERINT-INN3464C Datasheet
1Mb / 20P
Off-Line Multiple Output QR Flyback Switcher IC with Integrated 650 V, 725 V or 750 V Switch, Synchronous Rectification and FluxLink Feedback
July 2021
INN3672C POWERINT-INN3672C Datasheet
3Mb / 41P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2022
LCS7260C POWERINT-LCS7260C Datasheet
2Mb / 35P
Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
November 2022
SC1933C POWERINT-SC1933C Datasheet
1Mb / 28P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2018
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com