Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS7260C Datasheet (PDF) - Power Integrations, Inc.

LCS7260C Datasheet PDF - Power Integrations, Inc.
Part # LCS7260C
Download  LCS7260C Download
File Size   2353.4 Kbytes
Page   35 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback

LCS7260C Datasheet (PDF)

Go To PDF Page Download Datasheet
LCS7260C Datasheet PDF - Power Integrations, Inc.

Part # LCS7260C
Download  LCS7260C Click to download

File Size   2353.4 Kbytes
Page   35 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback

LCS7260C Datasheet (HTML) - Power Integrations, Inc.


LCS7260C Product details

Highly Integrated, Compact Footprint
• Up to 98.1% efficiency
• Very low component count and small footprint package
• Eliminates heat sink up to 220 W continuous
• Self-powered start-up
• 600 V FREDFET, rugged fast recovery body diode, current sensing
• HB auto dead time and hard switch detect
• Selectable center frequency (90, 120, 180, 240 kHz)
• Secondary-side sensing and feedback control with fast
transient response
• Synchronous rectification driver
• Integrated FluxLink™, HIPOT-isolated control link
EcoSmart™ – Energy Efficient
• As low as 41 mW no-load including line sense
• Output always in regulation, 0-100% load step
• Easily meets all global energy efficiency regulations
Advanced Protection / Safety Features
• HB and SR shoot-through protection
• Power-up pin open/short check
• System short-circuits, thermal, HB OCP, FB open,
fast input line UV/OV and PMAX protection
Optional Features
• Auto-restart or latching fault response for output OVP/UVP
• Latching or hysteretic primary over-temperature protection
• External faults detect and remote on/off
• Inrush-relay drive output pin
• Provides start-up bias for PFC stage
Full Safety and Regulatory Compliance
• Reinforced isolation, isolation voltage >4000 VAC
• UL1577, CQC and TUV (EN62368-1) safety approved




Similar Part No. - LCS7260C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LCS700 POWERINT-LCS700 Datasheet
3Mb / 26P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
LCS700-708 POWERINT-LCS700-708 Datasheet
3Mb / 26P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
LCS700HG POWERINT-LCS700HG Datasheet
3Mb / 26P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
LCS700HG POWERINT-LCS700HG Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
LCS700HG POWERINT-LCS700HG Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
More results


Similar Description - LCS7260C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INN2023K-TL POWERINT-INN2023K-TL Datasheet
2Mb / 26P
Off-Line CV/CC Flyback Switcher IC with Integrated 650 V MOSFET, Synchronous Rectification and Feedback
June 2020
INN3072M POWERINT-INN3072M Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
INN3162C POWERINT-INN3162C Datasheet
2Mb / 33P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
November 2022
INN3264C POWERINT-INN3264C Datasheet
2Mb / 40P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification, FluxLink Feedback and Constant Power Profile
November 2022
INN3365C POWERINT-INN3365C Datasheet
3Mb / 58P
Digitally Controllable Off-Line CV/CC QR Flyback Switcher IC with Integrated High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN3464C POWERINT-INN3464C Datasheet
1Mb / 20P
Off-Line Multiple Output QR Flyback Switcher IC with Integrated 650 V, 725 V or 750 V Switch, Synchronous Rectification and FluxLink Feedback
July 2021
INN3672C POWERINT-INN3672C Datasheet
3Mb / 41P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN3865C POWERINT-INN3865C Datasheet
2Mb / 44P
Off-Line QR Flyback Switcher IC with Integrated USB Type-C and USB PD Controller, High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN4072C POWERINT-INN4072C Datasheet
2Mb / 36P
Off-Line CV/CC ZVS Flyback Integrated Switcher IC with 750 V PowiGaN, Active Clamp Drive and Synchronous Rectification
August 2022
SC1933C POWERINT-SC1933C Datasheet
1Mb / 28P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2018
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com