Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS7260C Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LCS7260C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7260C Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LCS7260C Datasheet HTML 3Page - Power Integrations, Inc. LCS7260C Datasheet HTML 4Page - Power Integrations, Inc. LCS7260C Datasheet HTML 5Page - Power Integrations, Inc. LCS7260C Datasheet HTML 6Page - Power Integrations, Inc. LCS7260C Datasheet HTML 7Page - Power Integrations, Inc. LCS7260C Datasheet HTML 8Page - Power Integrations, Inc. LCS7260C Datasheet HTML 9Page - Power Integrations, Inc. LCS7260C Datasheet HTML 10Page - Power Integrations, Inc. LCS7260C Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Rev. D 11/22
7
HiperLCS-2
www.power.com
Primary Device PP Pin Error Fault Codes
Bit
Hex
Code
Fault
Action
PP Pin Error Fault Name
Description
31:28
X
I
1111
Fixed Pre-amble.
27:20
X
I
000 0000 0
Fixed Pre-amble.
19
X
N
x
18:16
X
N
xxx
15
8000h
A
HSD_OT
High-side MOSFET over-temperature fault. Prevents start-up switching while
fault is activated and then monitored again after hand over to secondary
control mode.
14
4000h
A
AMB_OT
Low-side controller ambient over temperature fault. Prevents start-up
switching while fault is activated and then monitored again after hand over
to secondary control mode.
13
2000h
I
BPH_UVN
High-side BPH undervoltage. Prevents start-up switching while fault is
activated. Not monitored in secondary control.
12
1000h
I
L_OV
Line overvoltage – activation of this fault L = OV+ causes device to stop
switching and triggers latching/non-latching response based on PP pin
selection. Restart occurs when both auto-restart period is completed and
fault clears L = OV-. Fault monitored in all switching modes.
11
800h
A
L_UV
Line undervoltage. Prevents start-up switching while fault is activated. Fault
monitored in all switching modes.
10
400h
A/L
EXT_FAULT
External Fault on PP pin. Can be latching/non-latching based on PP pin
selection and/or device SKU. External circuit required to trigger this fault.
Often used for secondary V
OUT OV detection.
9
200h
I
REM_OFF
Remote-off on PP pin (note: when L pin not used REM_OFF also generated
concurrently at EXT_FAULT ). Prevents start-up switching while fault is
activated.
8
X
N
x
7
80h
A
LOST_FL_FAULT
Lost FluxLink is monitored after start-up and hand over to secondary control
mode and only when not in burst-mode. This occurs after XXXus of
observing an unchanged/static FL signal while no in burst-mode. This fault
can often be triggered when secondary bias is lost (BPS_UV), and secondary
device stops operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com