Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS7260C Datasheet(PDF) 24 Page - Power Integrations, Inc.

Part # LCS7260C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7260C Datasheet(HTML) 24 Page - Power Integrations, Inc.

Back Button LCS7260C Datasheet HTML 20Page - Power Integrations, Inc. LCS7260C Datasheet HTML 21Page - Power Integrations, Inc. LCS7260C Datasheet HTML 22Page - Power Integrations, Inc. LCS7260C Datasheet HTML 23Page - Power Integrations, Inc. LCS7260C Datasheet HTML 24Page - Power Integrations, Inc. LCS7260C Datasheet HTML 25Page - Power Integrations, Inc. LCS7260C Datasheet HTML 26Page - Power Integrations, Inc. LCS7260C Datasheet HTML 27Page - Power Integrations, Inc. LCS7260C Datasheet HTML 28Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Rev. D 11/22
24
HiperLCS-2
www.power.com
Parameter
Symbol
Conditions
T
JC = 0 °C to 100 °C
BP = BPH = 18 V
(Unless Otherwise Specified)
Min
Typ
Max
Units
Primary Low-Side Controller/Driver (cont.)
HD Pin
HD-S Breakdown
Voltage
V
HDS(BV)
600
V
HD-HB Breakdown
Voltage Rating
V
HBHD(BV)
600
V
HD-HB Reverse
Voltage Rating
V
HBS(BV)
See Note A
-1.5
V
Half-Bridge
Over-Temperature Stop
HB
(OT)(STOP)
See Note A
131
139
147
°C
Half-Bridge
Over-Temperature
Hysteresis
HB
(OT)(HYST)
See Note A
10
14
18
°C
LS Controller
Over-Temperature Stop
LS
(OT)(STOP)
See Note A
115
125
135
°C
LS Controller
Over-Temperature Start
LS
(OT)(START)
See Note A
66
78
90
°C
NOTES:
A. Not tested parameter. Guaranteed by design.
B. In typical LLC application circuit.
C. Normally limited by internal circuitry.
D. Not tested parameter. Based on device characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com