Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS7260C Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # LCS7260C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7260C Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button LCS7260C Datasheet HTML 4Page - Power Integrations, Inc. LCS7260C Datasheet HTML 5Page - Power Integrations, Inc. LCS7260C Datasheet HTML 6Page - Power Integrations, Inc. LCS7260C Datasheet HTML 7Page - Power Integrations, Inc. LCS7260C Datasheet HTML 8Page - Power Integrations, Inc. LCS7260C Datasheet HTML 9Page - Power Integrations, Inc. LCS7260C Datasheet HTML 10Page - Power Integrations, Inc. LCS7260C Datasheet HTML 11Page - Power Integrations, Inc. LCS7260C Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Rev. D 11/22
8
HiperLCS-2
www.power.com
Bit
Hex
Code
Fault
Action
PP Pin Error Fault Name
Description
6
40h
A
100MS_FL_FAULT
Lost FluxLink in burst_off (in super light load). A burst packet should occur a
minimum of every 50 ms. This fault is activated if the burst packet doesn’t
arrive by 100 mS. This fault can often be triggered when secondary bias is
lost (BPS_UV), and secondary device stops operating.
5
20h
A
START_FAULT
Primary mode switch frequency reached FMIN. Reaching FMIN during
start-up is very uncommon. This fault may indicate resonant LLC tank
frequency problem or incorrect PP pin frequency-range selection.
4
10h
A
PCD_SS_FAULT
Start-up problem. From start of primary switching, secondary should send
wake-up command within 32 ms and hand over should occur to secondary
control within 64 ms. Also during start-up frequency confirmation received
signal should be received. If any of these do not occur, then error will be
activated. May indicate excessive C
OUT, excessive load, or insufficient power
delivery.
3
8h
A
SEC_FAULT
Secondary control fault is registered on the primary controller, when ALL
secondary faults declared by the secondary control. For details of secondary
fault see PS pin fault error code table.
2
4h
A
SCD_2PULSE_FAULT
Secondary sending 2 pulse message unexpectedly in secondary control.
Three messages required to trigger the fault. This fault is usually caused by
grounding issues on primary ground, or magnetic coupling from the LLC
transformer to the LSR2000C.
1
2h
A
I_SAFETY_LIM
Safety current limit fault in low-side MOSFET.
0
1h
A
FREQ_FAULT
Frequency confirmation failure fault. The primary control (PP selected),
frequency-range, does not match frequency code received from the second-
ary controller. May be wrong PP pin resistor, or wrong secondary controller
device.
Fault Action:
A = ALL auto-restart or ALL latch off, L = latch-off , I = information only, N = not used (ignore).
Note: Latch-off or auto-restart response is selected via PP pin. See Table 5. PP pin selection 0-3 for auto-restart, selections 4-7 for latch-off.
Table 3.
LCS726x – Primary-Side PP Pin Error Fault Reporting.
LSR2000C – Primary PP Pin and Side PS Pin Error
Fault Bitstream
Note1: The below PP pin error fault-code bit stream message may
include multiple (concurrent) fault bits. The Fault bit stream is
repetitively sent out PP pin during fault-off period. Message initially
starts and bit-15 and continues to bit0. Then repeats continuously
starting with MSB (Bit 31) pre-amble and ending with LSB (Bit 0). For
a bit period of T, logic-1 (high for 2/3.T, low for 1/3.T), and logic-0
(high for 1/3.T, low for 2/3.T).
Below example shows primary-side PP pin bitstream during high-side
over-temperature fault (HSD_OT).
Note2: Similarly, the PS pin error fault-code bit stream message may
include multiple (concurrent) fault bits. The Fault bit stream is
repetitively sent out PS pin during fault-off period. Message initially
starts and bit-15 and continues to bit0. Then repeats continuously
starting with MSB (Bit 31) pre-amble and ending with LSB (Bit 0). For
a bit period of T, logic-1 (high for 2/3.T, low for 1/3.T), and logic-0
(high for 1/3.T, low for 2/3.T).
PI-9641-100722
PP Pin Voltage
Fault Bitstream
Bit Number:
0h
00h
80h
00h
Preamble
Error Code = 0008000h : HSD_OT (high-side over-temperature fault)
15
8
7
0
31
24 23
16
15
8 7
0
31
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com