Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INN4074C Datasheet (PDF) - Power Integrations, Inc.

INN4074C Datasheet PDF - Power Integrations, Inc.
Part # INN4074C
Download  INN4074C Download
File Size   2494.79 Kbytes
Page   36 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Off-Line CV/CC ZVS Flyback Integrated Switcher IC with 750 V PowiGaN, Active Clamp Drive and Synchronous Rectification

INN4074C Datasheet (PDF)

Go To PDF Page Download Datasheet
INN4074C Datasheet PDF - Power Integrations, Inc.

Part # INN4074C
Download  INN4074C Click to download

File Size   2494.79 Kbytes
Page   36 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Off-Line CV/CC ZVS Flyback Integrated Switcher IC with 750 V PowiGaN, Active Clamp Drive and Synchronous Rectification

INN4074C Datasheet (HTML) - Power Integrations, Inc.


INN4074C Product details

Highly Integrated, Compact Footprint
• Zero voltage switching (ZVS) flyback controller with driver for
ClampZeroTM (active clamp IC)
• Unique control algorithm enables ZVS in both DCM and CCM
• Robust 750 V PowiGaNTM primary switch
• Steady-state switching frequency up to 155 kHz minimizes
transformer size
• Synchronous rectification driver and secondary-side sensing
• Integrated FluxLinkTM, HIPOT-isolated, feedback link
• Exceptional CV/CC accuracy, independent of external components
• Accurate, adjustable output current sense using external sense resistor
EcoSmart™ – Energy Efficient
• Up to 95% efficient
• Less than 30 mW no-load consumption including line sense
Advanced Protection / Safety Features
• Open SR FET-gate detection
• Fast input line UV/OV protection
• Output overvoltage and undervoltage protection
• Output over-current protection
• Over-temperature protection (OTP)
Optional Features
• Variable output voltage and constant current profiles
• Auto-restart or latching fault response for output OVP/UVP
• Multiple output UV fault thresholds
• Latching or hysteretic over-temperature protection
Full Safety and Regulatory Compliance
• Reinforced isolation >4000 VAC
• 100% production HIPOT testing
• UL1577, TUV (EN62368-1), CQC (GB4943.1) safety approved
• Excellent noise immunity enables designs that achieve class “A”
performance criteria for EN61000-4 suite; EN61000-4-2, 4-3
(30 V/m), 4-4, 4-5, 4-6, 4-8 (100 A/m) and 4-9 (1000 A/m)
Green Package
• Halogen free and RoHS compliant
Applications
• High density flyback designs up to 220 W
• High efficiency CV/CC power supplies
• High efficiency USB PD adapters
Description
The InnoSwitch™4-CZ family of ICs partners with the ClampZero family
of active clamp ICs to dramatically improve the efficiency of flyback
power converters, particularly those requiring a compact form-factor.
The InnoSwitch4-CZ family incorporates primary and secondary
controllers, PowiGaN power switch and safety-rated feedback
FluxLink) into a single IC.
The combination of InnoSwitch4-CZ with ClampZero greatly reduces
system and primary switch losses, allowing for extremely high power
densities. InnoSwitch4-CZ also incorporates multiple protection
features including output overvoltage and over-current limiting, and
over-temperature shutdown. Devices are available that support
combinations of latching and auto-restart protection modes typically
required for applications such as chargers, adapters, consumer
electronics and industrial systems.




Similar Part No. - INN4074C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INN4274C POWERINT-INN4274C Datasheet
1Mb / 32P
Off-Line CV/CC QR Flyback Integrated Switcher IC
June 2025
INN4275C POWERINT-INN4275C Datasheet
1Mb / 32P
Off-Line CV/CC QR Flyback Integrated Switcher IC
June 2025
INN4276C POWERINT-INN4276C Datasheet
1Mb / 32P
Off-Line CV/CC QR Flyback Integrated Switcher IC
June 2025
INN4277C POWERINT-INN4277C Datasheet
1Mb / 32P
Off-Line CV/CC QR Flyback Integrated Switcher IC
June 2025
INN4373F POWERINT-INN4373F Datasheet
3Mb / 54P
Digitally Controllable Off-Line CV/CC ZVS Flyback Switcher IC with 750 V PowiGaN, Active Clamp Drive and Synchronous Rectification
November 2022
More results


Similar Description - INN4074C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INN2023K-TL POWERINT-INN2023K-TL Datasheet
2Mb / 26P
Off-Line CV/CC Flyback Switcher IC with Integrated 650 V MOSFET, Synchronous Rectification and Feedback
June 2020
INN2603K-TL POWERINT-INN2603K-TL Datasheet
3Mb / 34P
Off-Line CV/CC Flyback Switcher IC with Integrated 725 V / 900 V MOSFET, Sync-Rect Feedback with Advanced Protection
September 2017
INN3072M POWERINT-INN3072M Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
INN3162C POWERINT-INN3162C Datasheet
2Mb / 33P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
November 2022
INN3264C POWERINT-INN3264C Datasheet
2Mb / 40P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification, FluxLink Feedback and Constant Power Profile
November 2022
INN3365C POWERINT-INN3365C Datasheet
3Mb / 58P
Digitally Controllable Off-Line CV/CC QR Flyback Switcher IC with Integrated High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN3464C POWERINT-INN3464C Datasheet
1Mb / 20P
Off-Line Multiple Output QR Flyback Switcher IC with Integrated 650 V, 725 V or 750 V Switch, Synchronous Rectification and FluxLink Feedback
July 2021
INN3672C POWERINT-INN3672C Datasheet
3Mb / 41P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN4373F POWERINT-INN4373F Datasheet
3Mb / 54P
Digitally Controllable Off-Line CV/CC ZVS Flyback Switcher IC with 750 V PowiGaN, Active Clamp Drive and Synchronous Rectification
November 2022
SC1933C POWERINT-SC1933C Datasheet
1Mb / 28P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2018
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com