Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK3204P Datasheet (PDF) - Power Integrations, Inc.

LNK3204P Datasheet PDF - Power Integrations, Inc.
Part # LNK3204P
Download  LNK3204P Download
File Size   2507.38 Kbytes
Page   28 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Highly Energy Efficient Off-line Switcher IC with Integrated System Level Protection for Low Component-Count Power Supplies

LNK3204P Datasheet (PDF)

Go To PDF Page Download Datasheet
LNK3204P Datasheet PDF - Power Integrations, Inc.

Part # LNK3204P
Download  LNK3204P Click to download

File Size   2507.38 Kbytes
Page   28 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Highly Energy Efficient Off-line Switcher IC with Integrated System Level Protection for Low Component-Count Power Supplies

LNK3204P Datasheet (HTML) - Power Integrations, Inc.


LNK3204P Product details

Highest Performance and Design Flexibility
• Supports buck, buck-boost and flyback topologies
• Excellent load and line regulation
• Selectable device current limit
• 66 kHz operation with accurate current limit
• Allows the use of low-cost off-the-shelf inductors
• Reduces size and cost of magnetics and output capacitor
• Frequency jittering reduces EMI filter complexity
• Pin-out simplifies PCB heat sinking
Enhanced Safety and Reliability Features
• Auto-restart for short-circuit and open loop faults
• Output overvoltage protection (OVP)
• Line input overvoltage protection (OVL)
• Hysteretic over-temperature protection (OTP)
• Extended creepage between DRAIN pin and all other pins improves
field reliability
• 725 V MOSFET rating for excellent surge withstand
• 900 V MOSFET rating series for industrial or extra safety margin
EcoSmart™– Extremely Energy Efficient
• Standby supply current <100 μA
• On/Off control provides constant efficiency over a wide load range
• Easily meets all global energy efficiency regulations
• No-load consumption <30 mW with external bias
Applications
• Appliances
• Metering
• Smart LED drivers and industrial controls
• IOT, home and building automation




Similar Part No. - LNK3204P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK3204P/G/D POWERINT-LNK3204P/G/D Datasheet
2Mb / 28P
Highly Energy Efficient Off-line Switcher IC with Integrated System Level
June 2023
More results


Similar Description - LNK3204P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
Lowest Component Count, Energy Efficient Off-Line Switcher IC
TOP264-271 POWERINT-TOP264-271 Datasheet
3Mb / 36P
Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
TOP264 POWERINT-TOP264_11 Datasheet
3Mb / 40P
Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302DG-TL POWERINT-LNK302DG-TL Datasheet
993Kb / 18P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
TOP270KG-TL POWERINT-TOP270KG-TL Datasheet
2Mb / 40P
Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
LNK302 POWERINT-LNK302_V01 Datasheet
1Mb / 19P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
LNK3604 POWERINT-LNK3604 Datasheet
2Mb / 26P
Energy Efficient, Low Power Off-Line Switcher IC With Integrated System Level Protection
October 2020
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com