Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069 Datasheet (PDF) - Heyco.

1069 Datasheet PDF - Heyco.
Part # 1069
Download  1069 Download
File Size   172.71 Kbytes
Page   1 Pages
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.
Description Heyco® Liquid Tight Strain Relief Bushings

1069 Datasheet (PDF)

Go To PDF Page Download Datasheet
1069 Datasheet PDF - Heyco.

Part # 1069
Download  1069 Click to download

File Size   172.71 Kbytes
Page   1 Pages
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.
Description Heyco® Liquid Tight Strain Relief Bushings

1069 Datasheet (HTML) - Heyco.


1069 Product details

The Ultimate in Snap-In Strain Relief Protection
Snap-in, Low Profile Design allows for Pre-assembled Cables

• These low profile co-molded nylon and
elastomer parts function as a Liquid
Tight Strain Relief with a cable.
• cULus approved under UL 514B.
• Low profile design: height above panel
is less than .188˝ (4,8mm).
• Can be pre-assembled to the cable prior
to installation.
• Assembles to cables with a simple hand
plier for easy installation.
• Smooth, rounded interior edges for
ease of installation.
• Fast and easy installation.
• Available in multiple sizes for
cable diameters ranging from
.280˝ (7,1 mm) to .440˝ (11,2 mm).
• We recommend using the fitting with
the smallest maximum diameter that
will fit your application.
• Meet UL strain relief requirements
without bending or kinking the cable.
• Special colors available–consult Heyco.
• Patent #10573436




Similar Part No. - 1069

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
97Kb / 4P
Customer Specification
11/28/2022
logo
EMKA Beschlagteile GmbH...
1069 EMKA-1069 Datasheet
259Kb / 1P
120° hinge
logo
Winchester Electronics ...
1069-1 WINCHESTER-1069-1 Datasheet
50Kb / 1P
ADAPTER, F-F BULKHEAD, 10 KV
1069-1 WINCHESTER-1069-1 Datasheet
232Kb / 1P
ADAPTER, F-F BULKHEAD, 10 KV
More results


Similar Description - 1069

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-MP2L10 ETC2-561-MP2L10 Datasheet
221Kb / 3P
Strain Relief Bushings
MP13-302792 ETC2-MP13-302792 Datasheet
220Kb / 3P
Strain Relief Bushings
logo
Heyco.
1853 HEYCO-1853 Datasheet
159Kb / 1P
Heyco® RDD Lockit™ Strain Relief Bushings – Straight-Thru
0150 HEYCO-0150 Datasheet
115Kb / 1P
Heyco® Liquid Tight Cordgrips
4500 HEYCO-4500 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14945 HEYCO-14945 Datasheet
90Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
LTCG HEYCO-LTCG Datasheet
92Kb / 1P
Heyco® Liquid Tight Cordgrips Torque Chart
M3200GBH HEYCO-M3200GBH Datasheet
274Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3228GAP HEYCO-M3228GAP Datasheet
123Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3231GAB HEYCO-M3231GAB Datasheet
212Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com