Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069 Datasheet(PDF) 1 Page - Heyco.

Part # 1069
Description  Heyco® Liquid Tight Strain Relief Bushings
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

1069 Datasheet(HTML) 1 Page - Heyco.

  1069 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Quick
Specs
4-1
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
Strain Relief Bushings
®
Heyco® Liquid Tight Strain Relief Bushings
The Ultimate in Snap-In Strain Relief Protection
Snap-in, Low Profile Design allows for Pre-assembled Cables
Material
Nylon 6/6 w/TPE Top
Certifications
Listed under Underwriters’ Laboratories File E51579
Flammability Rating
94V-0
Temperature Range
-4°F (-20°C) to 212°F (100°C)
IP Rating
IP 65, 66, 67 and 68 (IP 68 is 25psi for 24hrs)
ALL NEW
PRODUCT!
D
C
• These low profile co-molded nylon and
elastomer parts function as a Liquid
Tight Strain Relief with a cable.
• cULus approved under UL 514B.
• Low profile design: height above panel
is less than .188˝ (4,8mm).
• Can be pre-assembled to the cable prior
to installation.
• Assembles to cables with a simple hand
plier for easy installation.
• Smooth, rounded interior edges for
ease of installation.
• Fast and easy installation.
• Available in multiple sizes for
cable diameters ranging from
.280˝ (7,1 mm) to .440˝ (11,2 mm).
• We recommend using the fitting with
the smallest maximum diameter that
will fit your application.
• Meet UL strain relief requirements
without bending or kinking the cable.
• Special colors available–consult Heyco.
• Patent #10573436
* Color refers to the rubber membrane. Nylon 6/6 will remain black
** Nylon Adaptor (0029A) included for Alternate Plier Crimping Method, but not required for Cast Plier Method
Nylon Adaptor (0029A) compatible with 10˝ pliers, either Workpro item #W031138 or Kobalt item #64426 (available commercially).
***Light gray/RAL 7035
!
Each panel thickness has ± .015˝ (0,4 mm)
Nylon Adaptor (0029A)
Snap nylon 6/6 plier
adaptor onto plier jaw
Locking edge on
top plier jaw
Workpro Plier
#W031138
Kobalt Plier
#64426
Cast Plier (0029)
S
CABLE DIAMETER RANGE
PANEL DIMENSIONS !
PART NO.
DESCRIPTION
PART DIMENSIONS
CAST PLIER
NYLON PLIER
A
CD
ADAPTOR
Minimum
Maximum
Mounting
Min. Panel
Max. Panel
Head
Overall
(Included)
Hole Dia.
Thickness
Thickness
Black*
White*
Gray*
Diameter
Height
PART NO.
PART NO.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
For .875 (22,2 mm) Mounting Hole
.280
7,1
.330
8,4
.032
0,8
.094
2,4
1063
1067
1071
LTBSR 875-094-330
.875
22,2
.125
3,2
.188
4,8
1064
1068
1072
LTBSR 875-188-330
1.29
32,8
.99
25,1
0029
0029A**
.330
8,4
.440
11,2
.032
0,8
.094
2,4
1065
1069
1073
LTBSR 875-094-440
.125
3,2
.188
4,8
1066
1070
1076
LTBSR 875-188-440


Similar Part No. - 1069

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
97Kb / 4P
Customer Specification
11/28/2022
logo
EMKA Beschlagteile GmbH...
1069 EMKA-1069 Datasheet
259Kb / 1P
120° hinge
logo
Winchester Electronics ...
1069-1 WINCHESTER-1069-1 Datasheet
50Kb / 1P
ADAPTER, F-F BULKHEAD, 10 KV
1069-1 WINCHESTER-1069-1 Datasheet
232Kb / 1P
ADAPTER, F-F BULKHEAD, 10 KV
More results

Similar Description - 1069

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-MP2L10 ETC2-561-MP2L10 Datasheet
221Kb / 3P
Strain Relief Bushings
MP13-302792 ETC2-MP13-302792 Datasheet
220Kb / 3P
Strain Relief Bushings
logo
Heyco.
1853 HEYCO-1853 Datasheet
159Kb / 1P
Heyco® RDD Lockit™ Strain Relief Bushings – Straight-Thru
0150 HEYCO-0150 Datasheet
115Kb / 1P
Heyco® Liquid Tight Cordgrips
4500 HEYCO-4500 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14945 HEYCO-14945 Datasheet
90Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
LTCG HEYCO-LTCG Datasheet
92Kb / 1P
Heyco® Liquid Tight Cordgrips Torque Chart
M3200GBH HEYCO-M3200GBH Datasheet
274Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3228GAP HEYCO-M3228GAP Datasheet
123Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3231GAB HEYCO-M3231GAB Datasheet
212Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com