Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG55596 Datasheet (PDF) - Renesas Technology Corp

SLG55596 Datasheet PDF - Renesas Technology Corp
Part # SLG55596
Download  SLG55596 Download
File Size   471.55 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USB Host Charger Identification Analog Switches

SLG55596 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG55596 Datasheet PDF - Renesas Technology Corp

Part # SLG55596
Download  SLG55596 Click to download

File Size   471.55 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USB Host Charger Identification Analog Switches

SLG55596 Datasheet (HTML) - Renesas Technology Corp


SLG55596 Product details

General Description
The SLG55596 is a USB device that combines high speed
USB switches with a USB host charger (dedicated charger)
identification circuit. The device supports both the latest USB
Battery Charging Specification Revision 1.2 including data
contact detection and a set resistor bias for Apple* compliant
devices as well as legacy USB D+/D- short detection using
data line pull-up.
The SLG55596 can also support CDP mode (FAST charging
and data communication available mode if smartphone can
support CDP mode).
The SLG55596 can also support low speed / full speed
mouse/keyboard wake-up from S3 mode.
Features
• High Speed USB Switching
• Low 4.0pF (typ) On Capacitance
• Low 4.0W (typ) On Resistance
• Low 0.5W (typ) On Resistance Flatness
• 4.5V to 5.5V Supply Range
• Low Supply Current
• Automatic Current-Limit Switch Control
• Automatic USB Charger Identification Circuit
• CDP Support (active USB 2.0 data communication with
1.5A charging)
• Apple iPad* @ 2.4A charging current support
• Automatic CDP/SDP mode support with SMART-CDP=1
for "Always Data Communication"
• Chinese Telecom Standard YD/T 1591-2009 specification
support
• Samsung Galaxy Tab** charge scheme support
• Pb-Free / RoHS Compliant / Halogen-Free
• TDFN-8 Package




Similar Part No. - SLG55596

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG55596 DIALOG-SLG55596 Datasheet
124Kb / 10P
USB Host Charger Identification
SLG55596A DIALOG-SLG55596A Datasheet
124Kb / 10P
Automatic Current-Limit Switch Control
SLG55596AV DIALOG-SLG55596AV Datasheet
124Kb / 10P
Automatic Current-Limit Switch Control
logo
Renesas Technology Corp
SLG55596AV RENESAS-SLG55596AV Datasheet
472Kb / 11P
USB Host Charger Identification
8-Feb-2022
logo
Dialog Semiconductor
SLG55596AVTR DIALOG-SLG55596AVTR Datasheet
124Kb / 10P
Automatic Current-Limit Switch Control
More results


Similar Description - SLG55596

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG55570A DIALOG-SLG55570A Datasheet
160Kb / 9P
USB Host Charger Identification
logo
Maxim Integrated Produc...
MAX14550E MAXIM-MAX14550E Datasheet
1Mb / 17P
USB Host Charger Identification Analog Switch
19-4745; Rev 2; 1/10
logo
Renesas Technology Corp
SLG55550 RENESAS-SLG55550 Datasheet
233Kb / 10P
USB Host Charger Identification Analog Switches
February 8, 2022
SLG55566 RENESAS-SLG55566 Datasheet
228Kb / 9P
USB Host Charger Identification Analog Switches
February 8, 2022
SLG55583 RENESAS-SLG55583 Datasheet
258Kb / 10P
USB Host Charger Identification Analog Switches
February 8, 2022
SLG55584 RENESAS-SLG55584 Datasheet
257Kb / 10P
USB Host Charger Identification Analog Switches
February 8, 2022
SLG55587 RENESAS-SLG55587 Datasheet
244Kb / 10P
USB Host Charger Identification Analog Switches
February 8, 2022
SLG55590 RENESAS-SLG55590 Datasheet
330Kb / 10P
USB Host Charger Identification Analog Switches
February 9, 2022
SLG55593 RENESAS-SLG55593 Datasheet
326Kb / 10P
USB Host Charger Identification Analog Switches
February 8, 2022
SLG55594 RENESAS-SLG55594 Datasheet
417Kb / 10P
USB Host Charger Identification Analog Switches
February 8, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com