Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG55596AV Datasheet (PDF) - Renesas Technology Corp

SLG55596AV Datasheet PDF - Renesas Technology Corp
Part # SLG55596AV
Download  SLG55596AV Download
File Size   472.41 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USB Host Charger Identification

SLG55596AV Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG55596AV Datasheet PDF - Renesas Technology Corp

Part # SLG55596AV
Download  SLG55596AV Click to download

File Size   472.41 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USB Host Charger Identification

SLG55596AV Datasheet (HTML) - Renesas Technology Corp


SLG55596AV Product details

General Description
The SLG55596AV is a USB device that combines high speed
USB switches with a USB host charger (dedicated charger)
identification circuit. The device supports both the latest USB
Battery Charging Specification Revision 1.2 including data
contact detection and a set resistor bias for Apple* compliant
devices as well as legacy USB D+/D- short detection using
data line pull-up.
The SLG55596AV can also support CDP mode (FAST
charging and data communication available mode if
smartphone can support CDP mode).
The SLG55596AV can also support low speed / full speed
mouse/keyboard wake-up from S3 mode.
Features
• High Speed USB Switching
• Low 4.0 pF (typ) On Capacitance
• Low 4.0 Ω (typ) On Resistance
• Low 0.5 Ω (typ) On Resistance Flatness
• 4.5 V to 5.5 V Supply Range
• Low Supply Current
• Automatic Current-Limit Switch Control
• Automatic USB Charger Identification Circuit
• CDP Support (active USB 2.0 data communication with
1.5 A charging)
• Apple iPad* @ 2.4 A charging current support
• Automatic CDP/SDP mode support with SMART-CDP=1
for "Always Data Communication"
• Chinese Telecom Standard YD/T 1591-2009 specification
support
• Samsung Galaxy Tab** charge scheme support
• Pb-Free / RoHS Compliant / Halogen-Free
• TDFN-8 Package




Similar Part No. - SLG55596AV

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG55596AV DIALOG-SLG55596AV Datasheet
124Kb / 10P
Automatic Current-Limit Switch Control
SLG55596AVTR DIALOG-SLG55596AVTR Datasheet
124Kb / 10P
Automatic Current-Limit Switch Control
More results


Similar Description - SLG55596AV

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG55566 DIALOG-SLG55566 Datasheet
134Kb / 9P
USB Host Charger Identification
SLG55570A DIALOG-SLG55570A Datasheet
160Kb / 9P
USB Host Charger Identification
SLG55583 DIALOG-SLG55583 Datasheet
155Kb / 10P
USB Host Charger Identification
SLG55584 DIALOG-SLG55584 Datasheet
155Kb / 10P
USB Host Charger Identification
SLG55587 DIALOG-SLG55587 Datasheet
150Kb / 10P
USB Host Charger Identification
SLG55590 DIALOG-SLG55590 Datasheet
171Kb / 10P
USB Host Charger Identification
SLG55593 DIALOG-SLG55593 Datasheet
171Kb / 10P
USB Host Charger Identification
SLG55594 DIALOG-SLG55594 Datasheet
329Kb / 10P
USB Host Charger Identification
SLG55596 DIALOG-SLG55596 Datasheet
124Kb / 10P
USB Host Charger Identification
logo
Renesas Technology Corp
SLG55570A RENESAS-SLG55570A Datasheet
294Kb / 9P
USB Host Charger Identification
February 8, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com