Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG55596AV Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # SLG55596AV
Description  USB Host Charger Identification
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG55596AV Datasheet(HTML) 4 Page - Renesas Technology Corp

  SLG55596AV Datasheet HTML 1Page - Renesas Technology Corp SLG55596AV Datasheet HTML 2Page - Renesas Technology Corp SLG55596AV Datasheet HTML 3Page - Renesas Technology Corp SLG55596AV Datasheet HTML 4Page - Renesas Technology Corp SLG55596AV Datasheet HTML 5Page - Renesas Technology Corp SLG55596AV Datasheet HTML 6Page - Renesas Technology Corp SLG55596AV Datasheet HTML 7Page - Renesas Technology Corp SLG55596AV Datasheet HTML 8Page - Renesas Technology Corp SLG55596AV Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Datasheet
8-Feb-2022
CFR0011-120-01
Revision 1.02
Page 4 of 10
SLG55596AV
USB Host Charger Identification
©2022 Renesas Electronics Corporation
Electrical Characteristics - Analog Switch
Electrical Characteristics - Dynamic Performance
VDD = 4.5 V to 5.5 V, TA = 25 °C (unless specified otherwise)
Parameter
Description
Condition/Note
Min.
Typ.
Max.
Unit
VDP, VDM
Analog signal Range
0
--
VDD
V
RON
On Resistance TDP/TDM Switch
VDD = -0.4 V to 0.4 V, I = 10 mA
--
3.5
--
Ω
VDP = VDM = 0 V to 3.3 V
VDD = 5 V
--
4.0
7
Ω
∆R
ON
On Resistance Match between channels
TDP/TDM Switch
VDD = 5.0V
VDP = VDM = 400 mV
IDP = IDM = 10 mA
--
0.1
--
Ω
RFLAT
On Resistance flatness TDP/TDM
Switch
VDD = 5.0 V
VDP = VDM = 0 V to VDD
IDP = IDM = 10 mA
--
0.5
--
Ω
RSHORT
On Resistance of TDP/TDM Short
VCB = 0 V
VDP = 1 V
IDP = IDM = 10 mA
--
50
70
Ω
ITDPOFF,
ITDMOFF
Off-Leakage Current
VDD = 3.6V
VDP = VDM = 0.3 V to 3.3 V
VTDP = VTDM = 3.3 V to 0.3 V
VCB = 0 V
-250
--
250
nA
IDPON,
IDMON
Off-Leakage Current
VDD = 3.6 V
VDP = VDM = 3.3 V to 0.3 V
VCB = VDD
-250
--
250
nA
VDD = 4.5 V to 5.5 V, TA = 25 °C (unless specified otherwise)
Parameter
Description
Condition/Note
Min.
Typ.
Max.
Unit
TON
Turn On Time
VTDP or VTDM = 1.5 V
RL = 300 Ω
CL = 35 pF
--‘
20
100
µs
TOFF
Turn Off Time
VTDP or VTDM = 1.5 V
RL = 300 Ω
CL = 35 pF
--‘
1
5
µs
TPLH, TPHL TDP/TDM Switch Propagation Delay
RL = RS = 50 Ω
--
60
--
ps
TSKEW
Output Skew
Skew between DP and DM when
connected to TDP and TDM
RL = RS = 50 Ω
--
40
--
ps
COFF
TDP/TDM Off-Capacitance
f = 1 MHz
--‘
2.0
--
pF
CON
DP/DM On-Capacitance
f = 240 MHz
--‘
4.0
5.5
pF
BW
-3 dB Bandwidth
RL = RS = 50 Ω
--
1000
--
MHz
VISO
Off-Isolation
VTDP, VDP = 0 dBm
RL = RS =50 Ω
f = 250 MHz
--
-20
--
dB
VCT
Crosstalk
VTDP, VDP = 0 dBm
RL = RS = 50 Ω
f = 250 MHz
--
-25
--
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com