Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG55596AV Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SLG55596AV
Description  USB Host Charger Identification
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG55596AV Datasheet(HTML) 1 Page - Renesas Technology Corp

  SLG55596AV Datasheet HTML 1Page - Renesas Technology Corp SLG55596AV Datasheet HTML 2Page - Renesas Technology Corp SLG55596AV Datasheet HTML 3Page - Renesas Technology Corp SLG55596AV Datasheet HTML 4Page - Renesas Technology Corp SLG55596AV Datasheet HTML 5Page - Renesas Technology Corp SLG55596AV Datasheet HTML 6Page - Renesas Technology Corp SLG55596AV Datasheet HTML 7Page - Renesas Technology Corp SLG55596AV Datasheet HTML 8Page - Renesas Technology Corp SLG55596AV Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SLG55596AV
USB Host Charger Identification
Datasheet
8-Feb-2022
CFR0011-120-01
Revision 1.02
Page 1 of 10
©2022 Renesas Electronics Corporation
Block Diagram
General Description
The SLG55596AV is a USB device that combines high speed
USB switches with a USB host charger (dedicated charger)
identification circuit. The device supports both the latest USB
Battery Charging Specification Revision 1.2 including data
contact detection and a set resistor bias for Apple* compliant
devices as well as legacy USB D+/D- short detection using
data line pull-up.
The SLG55596AV can also support CDP mode (FAST
charging
and
data
communication
available
mode
if
smartphone can support CDP mode).
The SLG55596AV can also support low speed / full speed
mouse/keyboard wake-up from S3 mode.
Features
•
High Speed USB Switching
•
Low 4.0 pF (typ) On Capacitance
•
Low 4.0 Ω (typ) On Resistance
•
Low 0.5 Ω (typ) On Resistance Flatness
•
4.5 V to 5.5 V Supply Range
•
Low Supply Current
•
Automatic Current-Limit Switch Control
•
Automatic USB Charger Identification Circuit
•
CDP Support (active USB 2.0 data communication with
1.5 A charging)
•
Apple iPad* @ 2.4 A charging current support
•
Automatic CDP/SDP mode support with SMART-CDP=1
for "Always Data Communication"
•
Chinese Telecom Standard YD/T 1591-2009 specification
support
•
Samsung Galaxy Tab** charge scheme support
•
Pb-Free / RoHS Compliant / Halogen-Free
•
TDFN-8 Package
•
TQFN-16 Package
Pin Configuration
* Apple iPhone, iPad and iPod are trademarks of Apple Inc., registered in the
U.S. and other countries.
** Samsung Galaxy Tab are trademarks of Samsung Electronics, registered in
Korea and other countries.
VDD
SMART-CDP
TDP
TDM
CB
DP
DM
CEN
2
3
4
5
6
7
8
1
Thermal Pad
connected to GND
TDFN-8
(Top View)
FSM Logic
One Shot
+
-
VREF1
+
-
VREF1
CEN
CB
DM
DP
+
-
VREF2
FET
VDD
TDP
TDM
Resistor
Divider
Resistor
Divider
SMART-CDP


Similar Part No. - SLG55596AV

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG55596AV DIALOG-SLG55596AV Datasheet
124Kb / 10P
Automatic Current-Limit Switch Control
SLG55596AVTR DIALOG-SLG55596AVTR Datasheet
124Kb / 10P
Automatic Current-Limit Switch Control
More results

Similar Description - SLG55596AV

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG55566 DIALOG-SLG55566 Datasheet
134Kb / 9P
USB Host Charger Identification
SLG55570A DIALOG-SLG55570A Datasheet
160Kb / 9P
USB Host Charger Identification
SLG55583 DIALOG-SLG55583 Datasheet
155Kb / 10P
USB Host Charger Identification
SLG55584 DIALOG-SLG55584 Datasheet
155Kb / 10P
USB Host Charger Identification
SLG55587 DIALOG-SLG55587 Datasheet
150Kb / 10P
USB Host Charger Identification
SLG55590 DIALOG-SLG55590 Datasheet
171Kb / 10P
USB Host Charger Identification
SLG55593 DIALOG-SLG55593 Datasheet
171Kb / 10P
USB Host Charger Identification
SLG55594 DIALOG-SLG55594 Datasheet
329Kb / 10P
USB Host Charger Identification
SLG55596 DIALOG-SLG55596 Datasheet
124Kb / 10P
USB Host Charger Identification
logo
Renesas Technology Corp
SLG55570A RENESAS-SLG55570A Datasheet
294Kb / 9P
USB Host Charger Identification
February 8, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com