Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet (PDF) - Microchip Technology

SST26WF040BA Datasheet PDF - Microchip Technology
Part # SST26WF040BA
Download  SST26WF040BA Download
File Size   3521.15 Kbytes
Page   96 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory

SST26WF040BA Datasheet (PDF)

Go To PDF Page Download Datasheet
SST26WF040BA Datasheet PDF - Microchip Technology

Part # SST26WF040BA
Download  SST26WF040BA Click to download

File Size   3521.15 Kbytes
Page   96 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory

SST26WF040BA Datasheet (HTML) - Microchip Technology


SST26WF040BA Product details

Product Description
The Serial Quad I/O™ (SQI™) family of flash-memory
devices features a six-wire, 4-bit I/O interface that allows for
low-power, high-performance operation in a low pin-count
package. SST26WF040B/040BA and SST26WF080B/
080BA also support full command-set compatibility to traditional
Serial Peripheral Interface (SPI) protocol. System
designs using SQI flash devices occupy less board space
and ultimately lower system costs.
All members of the 26 Series, SQI family are manufactured
with proprietary, high-performance CMOS SuperFlash®
technology. The split-gate cell design and thick-oxide tunneling
injector attain better reliability and manufacturability
compared with alternate approaches.
The SST26WF040B/040BA and SST26WF080B/
080BA significantly improves performance and reliability,
while lowering power consumption. This device
writes (Program or Erase) with a single power supply of
1.65-1.95V. The total energy consumed is a function of
the applied voltage, current, and time of application.
Since for any given voltage range, the SuperFlash
technology uses less current to program and has a
shorter erase time, the total energy consumed during
any Erase or Program operation is less than alternative
flash memory technologies.
SST26WF040B/040BA and SST26WF080B/080BA is
offered in 8-contact WDFN (6 mm x 5 mm), 8-lead SOIC
(150 mil), 8-contact USON, and 8-ball XFBGA (Z-Scale™)
packages. See Figure 2-1 for pin assignments.
Two configurations are available upon order:
SST26WF040B and SST26WF080B default at powerup
has the WP# and Hold# pins enabled and
SST26WF040BA and SST26WF080BA default at
power-up has the WP# and Hold# pins disabled.

Features
• Single Voltage Read and Write Operations
- 1.65-1.95V
• Serial Interface Architecture
- Mode 0 and Mode 3
- Nibble-wide multiplexed I/O’s with SPI-like serial
command structure
- x1/x2/x4 Serial Peripheral Interface (SPI) Protocol
• High Speed Clock Frequency
- 104 MHz max
• Burst Modes
- Continuous linear burst
- 8/16/32/64 Byte linear burst with wrap-around
• Superior Reliability
- Endurance: 100,000 Cycles (min)
- Greater than 100 years Data Retention
• Low Power Consumption:
- Active Read current: 15 mA (typical @ 104 MHz)
- Standby current: 10 μA (typical)
- Deep Power-Down current: 1.8 μA (typical)
• Fast Erase Time
- Sector/Block Erase: 18 ms (typ), 25 ms (max)
- Chip Erase: 35 ms (typ), 50 ms (max)
• Page-Program
- 256 Bytes per page in x1 or x4 mode
• End-of-Write Detection
- Software polling the BUSY bit in status register
• Flexible Erase Capability
- Uniform 4 KByte sectors
- Four 8 KByte top and bottom parameter overlay
blocks
- One 32 KByte top and bottom overlay block
- Uniform 64 KByte overlay blocks
• Write-Suspend
- Suspend Program or Erase operation to access
another block/sector
• Software Reset (RST) mode
• Software Write Protection
- Individual-Block Write Protection with permanent
lock-down capability
- 64 KByte blocks, two 32 KByte blocks, and
eight 8 KByte parameter blocks
- Read Protection on top and bottom 8 KByte
parameter blocks
• Security ID
- One-Time Programmable (OTP) 2 KByte,
Secure ID
- 64 bit unique, factory pre-programmed identifier
- User-programmable area
• Temperature Range
- Industrial: -40°C to +85°C
• Packages Available
- 8-contact WDFN (6mm x 5mm)
- 8-lead SOIC (150 mil)
- 8-contact USON (2mm x 3mm)
- 8-ball XFBGA (Z-Scale™)
• All devices are RoHS compliant




Similar Part No. - SST26WF040BA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST26WF016B MICROCHIP-SST26WF016B Datasheet
1,021Kb / 75P
1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
SST26WF016B-104I/MF MICROCHIP-SST26WF016B-104I/MF Datasheet
1,021Kb / 75P
1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
SST26WF016B-104I/SN MICROCHIP-SST26WF016B-104I/SN Datasheet
1,021Kb / 75P
1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
SST26WF016BA MICROCHIP-SST26WF016BA Datasheet
1,021Kb / 75P
1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
SST26WF016BA-104I/MF MICROCHIP-SST26WF016BA-104I/MF Datasheet
1,021Kb / 75P
1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
More results


Similar Description - SST26WF040BA

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST26WF032 SST-SST26WF032 Datasheet
1Mb / 36P
1.8V Serial Quad I/O (SQI) Flash Memory
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
Serial Quad I/O SQI Flash Memory
logo
Microchip Technology
SST26WF016B MICROCHIP-SST26WF016B Datasheet
1,021Kb / 75P
1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
SST26VF064B MICROCHIP-SST26VF064B_15 Datasheet
3Mb / 85P
2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF016B MICROCHIP-SST26VF016B Datasheet
2Mb / 77P
2.5V/3.0V 16 Mbit Serial Quad I/O (SQI) Flash Memory
01/27/15
SST26VF080A MICROCHIP-SST26VF080A Datasheet
792Kb / 72P
2.5V/3.0V 8-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF064B MICROCHIP-SST26VF064B_V01 Datasheet
1Mb / 90P
2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26WF064C MICROCHIP-SST26WF064C Datasheet
4Mb / 94P
1.8V, 64 Mbit Serial Quad I/O (SQI) Flash Memory
Revision C / Sept 2018
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com