Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 8 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 4Page - Microchip Technology SST26WF040BA Datasheet HTML 5Page - Microchip Technology SST26WF040BA Datasheet HTML 6Page - Microchip Technology SST26WF040BA Datasheet HTML 7Page - Microchip Technology SST26WF040BA Datasheet HTML 8Page - Microchip Technology SST26WF040BA Datasheet HTML 9Page - Microchip Technology SST26WF040BA Datasheet HTML 10Page - Microchip Technology SST26WF040BA Datasheet HTML 11Page - Microchip Technology SST26WF040BA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 8
 2014-2017 Microchip Technology Inc.
Register command. The Global Block-Protection
Unlock command clears all write protection bits in the
Block-Protection register.
4.1.2
WRITE-PROTECTION LOCK-
DOWN (VOLATILE)
To prevent changes to the Block-Protection register,
use the Lock-Down Block-Protection Register (LBPR)
command to enable Write-Protection Lock-Down.
Once Write-Protection Lock-Down is enabled, the
Block-Protection register can not be changed. To avoid
inadvertent lock down, the WREN command must be
executed prior to the LBPR command.
To reset Write-Protection Lock-Down, performing a power
cycle on the device is required. The Write-Protection
Lock-Down status may be read from the Status register.
4.1.3
WRITE-LOCK LOCK-DOWN
(NON-VOLATILE)
The non-Volatile Write-Lock Lock-Down register is an
alternate register that permanently prevents changes
to the block-protect bits. The non-Volatile Write-Lock
Lock-Down register (nVWLDR) is 16 bits (4 Mbit) or
24 bits (8 Mbit) wide per device: one bit each for the
eight 8-KByte parameter blocks, and one bit each for
the remaining 32 KByte and 64 KByte overlay blocks.
See Table 5-6 for address range protected per register
bit.
Writing ‘1’ to any or all of the nVWLDR bits disables the
change mechanism for the corresponding Write-Lock
bit in the BPR, and permanently sets this bit to a ‘1’
(protected) state. After this change, both bits will be set
to ‘1’, regardless of the data entered in subsequent
writes to either the nVWLDR or the BPR. Subsequent
writes to the nVWLDR can only alter available locations
that have not been previously written to a ‘1’. This
method provides write-protection for the corresponding
memory-array block by protecting it from future pro-
gram or erase operations.
Writing a ‘0’ in any location in the nVWLDR has no effect
on either the nVWLDR or the corresponding Write-Lock
bit in the BPR.
Note that if the Block-Protection register had been pre-
viously locked down, see “ Write-Protection Lock-
Down (Volatile)”, the device must be power cycled
before using the nVWLDR. If the Block-Protection reg-
ister is locked down and the Write nVWLDR command
is accessed, the command will be ignored.
4.2
Hardware Write Protection
The hardware Write Protection pin (WP#) is used in con-
junction with the WPEN and IOC bits in the configuration
register to prohibit write operations to the Block-Protec-
tion and Configuration registers. The WP# pin function
only works in SPI single-bit and dual-bit read mode when
the IOC bit in the configuration register is set to ‘0’.
The WP# pin function is disabled when the WPEN bit
in the configuration register is ‘0’. This allows installa-
tion of the SST26WF040B/040BA and SST26WF080B/
080BA in a system with a grounded WP# pin while still
enabling Write to the Block-Protection register. The
Lock-Down function of the Block-Protection Register
supersedes the WP# pin, see Table 4-1 for Write Pro-
tection Lock-Down states.
The factory default setting at power-up of the WPEN bit
is ‘0’, disabling the Write Protect function of the WP#
after power-up. WPEN is a non-volatile bit; once the bit
is set to ‘1’, the Write Protect function of the WP# pin
continues to be enabled after power-up. The WP# pin
only protects the Block-Protection Register and Config-
uration Register from changes. Therefore, if the WP#
pin is set to low before or after a Program or Erase
command, or while an internal Write is in progress, it
will have no effect on the Write command.
The IOC bit takes priority over the WPEN bit in the con-
figuration register. When the IOC bit is ‘1’, the function
of the WP# pin is disabled and the WPEN bit serves no
function. When the IOC bit is ‘0’ and WPEN is ‘1’, set-
ting the WP# pin active low prohibits Write operations
to the Block Protection Register.
TABLE 4-1:
WRITE PROTECTION LOCK-DOWN STATES
WP#
IOC
WPEN
WPLD
Execute WBPR Instruction
Configuration Register
L
0
1
1
Not Allowed
Protected
L
0
0
1
Not Allowed
Writable
L
0
1
0
Not Allowed
Protected
L01
1. Default at power-up Register settings for SST26WF040B and SST26WF080B
02
2. Factory default setting is ‘0’. This is a non-volatile bit; default at power-up is the value set prior to power-down.
0
Allowed
Writable
H
0
X
1
Not Allowed
Writable
H0
X
0
Allowed
Writable
X
1
X
1
Not Allowed
Writable
X13
3. Default at power-up Register settings for SST26WF040BA and SST26WF080BA
02
0
Allowed
Writable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com