Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 16 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 16 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 12Page - Microchip Technology SST26WF040BA Datasheet HTML 13Page - Microchip Technology SST26WF040BA Datasheet HTML 14Page - Microchip Technology SST26WF040BA Datasheet HTML 15Page - Microchip Technology SST26WF040BA Datasheet HTML 16Page - Microchip Technology SST26WF040BA Datasheet HTML 17Page - Microchip Technology SST26WF040BA Datasheet HTML 18Page - Microchip Technology SST26WF040BA Datasheet HTML 19Page - Microchip Technology SST26WF040BA Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 16
 2014-2017 Microchip Technology Inc.
5.4
Enable Quad I/O (EQIO)
The Enable Quad I/O (EQIO) instruction, 38H, enables
the flash device for SQI bus operation. Upon comple-
tion of the instruction, all instructions thereafter are
expected to be 4-bit multiplexed input/output (SQI
mode) until a power cycle or a “Reset Quad I/O instruc-
tion” is executed. See Figure 5-3.
FIGURE 5-3:
ENABLE QUAD I/O SEQUENCE
5.5
Reset Quad I/O (RSTQIO)
The Reset Quad I/O instruction, FFH, resets the device
to 1-bit SPI protocol operation or exits the Set Mode
configuration during a read sequence. This command
allows the flash device to return to the default I/O state
(SPI) without a power cycle, and executes in either 1-
bit or 4-bit mode. If the device is in the Set Mode con-
figuration, while in SQI High-Speed Read mode, the
RSTQIO command will only return the device to a state
where it can accept new SQI command instruction. An
additional RSTQIO is required to reset the device to
SPI mode.
To execute a Reset Quad I/O operation, the host drives
CE# low, sends the Reset Quad I/O command cycle
(FFH) then, drives CE# high. Execute the instruction in
either SPI (8 clocks) or SQI (2 clocks) command
cycles. For SPI, SIO[3:1] are don’t care for this com-
mand, but should be driven to VIH or VIL. See Figures
5-4 and 5-5.
FIGURE 5-4:
RESET QUAD I/O SEQUENCE (SPI)
FIGURE 5-5:
RESET QUAD I/O SEQUENCE (SQI)
20005283 F43.0
MODE 3
0
1
SCK
SIO0
CE#
MODE 0
234567
38
SIO[3:1]
Note: SIO[3:1] must be driven VIH
20005283 F73.0
MODE 3
0
1
SCK
SIO0
CE#
MODE 0
234567
FF
SIO[3:1]
Note: SIO[3:1]
20005283 F74.0
MODE 3
0
1
SCK
SIO(3:0)
CE#
F
F
MODE 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com