Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 69 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 69 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 65Page - Microchip Technology SST26WF040BA Datasheet HTML 66Page - Microchip Technology SST26WF040BA Datasheet HTML 67Page - Microchip Technology SST26WF040BA Datasheet HTML 68Page - Microchip Technology SST26WF040BA Datasheet HTML 69Page - Microchip Technology SST26WF040BA Datasheet HTML 70Page - Microchip Technology SST26WF040BA Datasheet HTML 71Page - Microchip Technology SST26WF040BA Datasheet HTML 72Page - Microchip Technology SST26WF040BA Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 69
SST26WF040B/040BA SST26WF080B/080BA
6E
A23:A16
C0H
Exit 4-Byte Addressing
Not supported
A21:A14=00000000b
A23 and A22 are Reserved bits which are = 1
6F
A31:A24
80H
Enter 4-Byte Addressing
Not supported
1xxx_xxxx: Reserved = 1
JEDEC Sector Map Parameter Table
100H
A7:A0
FFH
Sector Map
A7:A2=Reserved=111111b
A1=Descriptor Type = Map=1b
A0=Last map = 1b
101H
A15:A8
00H
Configuration ID = 00h
102H
A23:A16
04H
Region Count = 5 Regions
103H
A31:A24
FFH
Reserved = FFh
104H
A7:A0
F3H
Region 0 supports 4 KByte erase and 8 KByte erase
A3:A0=0011b
A7:A4=Reserved=1111b
105H
A15:A8
7FH
Region 0 Size
4 * 8 KBytes = 32 KBytes
Count=32 KBytes/256 bytes= 128
Value = count -1 =127
A31:A8 = 00007Fh
106H
A23:A16
00H
107H
A31:A24
00H
108H
A7:A0
F5H
Region 1 supports 4 KByte erase and 32 KByte erase
A3:A0 = 0101b
A7:A4=Reserved = 1111b
109H
A15:A8
7FH
Region 1 size
1 * 32 KBytes = 32 KBytes
Count=32 KBytes/256 bytes= 128
Value = count -1 =127
A31:A8 = 00007Fh
10AH
A23:A16
00H
10BH
A31:A24
00H
10CH
A7:A0
F9H
Region 2 supports 4 KByte erase and 64 KByte erase
A3:A0 = 1001b
A7:A4=Reserved = 1111b
10DH
A15:A8
FFH
Region 2 size
6 * 64 KBytes = 384 KBytes
Count=384 KBytes/256 bytes= 1536
Value = count -1 =1535
A31:A8 = 0005FFh
10EH
A23:A16
05H
10FH
A31:A24
00H
110H
A7:A0
F5H
Region 3 supports 4 KByte erase and 32 KByte erase
A3:A0 = 0101b
A7:A4=Reserved = 1111b
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) SST26WF040B/040BA
(CONTINUED) (10 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com