Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 12 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 8Page - Microchip Technology SST26WF040BA Datasheet HTML 9Page - Microchip Technology SST26WF040BA Datasheet HTML 10Page - Microchip Technology SST26WF040BA Datasheet HTML 11Page - Microchip Technology SST26WF040BA Datasheet HTML 12Page - Microchip Technology SST26WF040BA Datasheet HTML 13Page - Microchip Technology SST26WF040BA Datasheet HTML 14Page - Microchip Technology SST26WF040BA Datasheet HTML 15Page - Microchip Technology SST26WF040BA Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 12
 2014-2017 Microchip Technology Inc.
4.5.8
I/O CONFIGURATION (IOC)
The I/O Configuration (IOC) bit re-configures the I/O
pins. The IOC bit is set by writing a ‘1’ to Bit 1 of the
Configuration register. When IOC bit is ‘0’ the WP# pin
and HOLD# pin are enabled (SPI or Dual Configuration
setup). When IOC bit is set to ‘1’ the SIO2 pin and SIO3
pin are enabled (SPI Quad I/O Configuration setup).
The IOC bit must be set to ‘1’ before issuing the follow-
ing SPI commands: SQOR (6BH), SQIOR (EBH),
RBSPI (ECH), and SPI Quad page program (32H).
Without setting the IOC bit to ‘1’, those SPI commands
are not valid. The I/O configuration bit does not apply
when in SQI mode. The default at power-up for
SST26WF040B and SST26WF080B is ‘0’ and for
SST26WF040BA and SST26WF080BA is ‘1’.
4.5.9
BLOCK-PROTECTION VOLATILITY
STATE (BPNV)
The Block-Protection Volatility State bit indicates
whether any block has been permanently locked with
the non-Volatile Write-Lock Lock-Down register
(nVWLDR). When no bits in the nVWLDR have been
set (the default state from the factory) the BPNV bit is
`1'; when one or more bits in the nVWLDR are set to `1'
the BPNV bit will also be `0' from that point forward,
even after power-up.
4.5.10
WRITE-PROTECT ENABLE (WPEN)
The Write-Protect Enable (WPEN) bit is a non-volatile
bit that enables the WP# pin.
The Write-Protect (WP#) pin and the Write-Protect
Enable (WPEN) bit control the programmable hard-
ware write-protect feature. Setting the WP# pin to low,
and the WPEN bit to ‘1’, enables Hardware write-pro-
tection. To disable Hardware write protection, set either
the WP# pin to high or the WPEN bit to ‘0’. There is
latency associated with writing to the WPEN bit. Poll
the BUSY bit in the Status register, or wait TWPEN, for
the completion of the internal, self-timed Write opera-
tion. When the chip is hardware write protected, only
Write operations to Block-Protection and Configuration
registers are disabled. See “Hardware Write Protec-
tion” on page 8 and Table 4-1 for more information
about the functionality of the WPEN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com