Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 65 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 65 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 61Page - Microchip Technology SST26WF040BA Datasheet HTML 62Page - Microchip Technology SST26WF040BA Datasheet HTML 63Page - Microchip Technology SST26WF040BA Datasheet HTML 64Page - Microchip Technology SST26WF040BA Datasheet HTML 65Page - Microchip Technology SST26WF040BA Datasheet HTML 66Page - Microchip Technology SST26WF040BA Datasheet HTML 67Page - Microchip Technology SST26WF040BA Datasheet HTML 68Page - Microchip Technology SST26WF040BA Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 65
SST26WF040B/040BA SST26WF080B/080BA
JEDEC Flash Parameter Table: 10th DWORD
54H
A3:A0
20H
Multiplier from typical erase time to maximum erase time
Maximum time = 2*(count + 1)*Typical erase time
Count = 0
A3:A0= 0000b
A7:A4
Erase Type 1 Erase, Typical time
Typical Time = (count +1)*units
1ms to 32ms, 16ms to 512ms, 128ms to 4096ms, 1s to 32s
A10:A9 units (00b:1ms, 01b:16ms, 10b:128ms, 11b:1s)
A8:A4 count = 18 = 10010b
A10:A9 unit = 1ms = 00b
55H
A10:A8
91H
A10:A8=001b
A15:A11
Erase Type 2 Erase, Typical time
Typical time = (count+1)*units
1ms to 32ms, 16ms to 512ms, 128ms to 4096ms, 1s to 32s
A17:A16 units (00b:1ms, 01b:16ms, 10b:128ms, 11b:1s)
A15:A11 count = 18 =10010b
A17:A16 unit = 1ms =00b
56H
A17:A16
48H
A17:A16=00b
A23:A18
Erase Type 3 Erase, Typical time
Typical time = (count+1)*units
1ms to 32ms, 16ms to 512ms, 128ms to 4096ms, 1s to 32s
A24:A23 units (00b: 1ms, 01b: 16ms, 10b:128ms, 11b:1s)
A22:A18 count = 18 = 10010b
A24:A23 unit = 1ms = 00b
57H
A24
24H
A24=0b
A31:A25
Erase Type 4 Erase, Typical time
Typical time = (count+1)*units
1ms to 32ms, 16ms to 512ms, 128ms to 4096ms, 1s to 32s
A31:A30 units (00b: 1ms, 01b: 16ms, 10b:128ms, 11b:1s)
A29:A25 count=18=10010b
A31:A30 unit = 1ms =00b
JEDEC Flash Parameter Table: 11th DWORD
58H
A3:A0
80H
Multiplier from Typical Program Time to Maximum Program Time
Maximum time = 2*(count +1)*Typical program time.
Count =0.
A3:A0=0000b
A7:A4
Page Size
Page size = 2N bytes.
N=8
A7:A4 =1000b
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) SST26WF040B/040BA
(CONTINUED) (6 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com