Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 94 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 94 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 88Page - Microchip Technology SST26WF040BA Datasheet HTML 89Page - Microchip Technology SST26WF040BA Datasheet HTML 90Page - Microchip Technology SST26WF040BA Datasheet HTML 91Page - Microchip Technology SST26WF040BA Datasheet HTML 92Page - Microchip Technology SST26WF040BA Datasheet HTML 93Page - Microchip Technology SST26WF040BA Datasheet HTML 94Page - Microchip Technology SST26WF040BA Datasheet HTML 95Page - Microchip Technology SST26WF040BA Datasheet HTML 96Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 94 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 94
 2014-2017 Microchip Technology Inc.
64 KByte (Type 4)
BPSL = 00H
BPEL = (2m + 1) + FCH
00H is Block-Protection Register bit 0
location; 0FCH = -4
32 KByte (Type 3)
BPSL = BPEL= (2m + 1) + 0FEH
0FEH=-2
8 KByte (Type 2) Top
BPSL = (2m + 1) + 07H
BPEL = (2m + 1) + 0EH
07H = 7; 0EH = 14
Odd address bits are Read-Lock bit
locations and even address bits are
Write-Lock bit locations.
TABLE 11-5:
BPSL/BPEL EQUATION WITH ACTUAL CONSTANT ADDER DERIVED FROM THE
FORMULA (2M + 1) + (C)
Block Size
8 Mbit to 128 Mbit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com