Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 38 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 38 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 34Page - Microchip Technology SST26WF040BA Datasheet HTML 35Page - Microchip Technology SST26WF040BA Datasheet HTML 36Page - Microchip Technology SST26WF040BA Datasheet HTML 37Page - Microchip Technology SST26WF040BA Datasheet HTML 38Page - Microchip Technology SST26WF040BA Datasheet HTML 39Page - Microchip Technology SST26WF040BA Datasheet HTML 40Page - Microchip Technology SST26WF040BA Datasheet HTML 41Page - Microchip Technology SST26WF040BA Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 38
 2014-2017 Microchip Technology Inc.
5.37
Global Block-Protection Unlock
(ULBPR)
The Global Block-Protection Unlock (ULBPR) instruc-
tion clears all write-protection bits in the Block-Protec-
tion register, except for those bits that have been
locked down with the nVWLDR command. Execute
WREN before initiating the ULBPR instruction.
To execute a ULBPR instruction, the host drives CE#
low, then sends the ULBPR command cycle (98H), and
then drives CE# high.
FIGURE 5-44:
GLOBAL BLOCK-
PROTECTION UNLOCK
(SQI)
FIGURE 5-45:
GLOBAL BLOCK-PROTECTION UNLOCK (SPI)
2005283 F20.1
MODE 3
0
1
SCK
SIO(3:0)
CE#
C1 C0
MODE 0
Note: C[1:0]=98H
TABLE 5-6:
BLOCK-PROTECTION REGISTER FOR SST26WF040B/040BA 1
1. The default state after a power-on reset is write-protected BPR[23:0] = 5555 FF
BPR Bits
Address Range
Protected Block
Size
Read Lock
Write Lock/nVWLDR2
2. nVWLDR bits are one-time-programmable. Once a WLLDR bit is set, the protection state of that particular block is permanently write-locked.
23
22
07E000H-08FFFFH
8 KByte
21
20
07C000H-07DFFFH
8 KByte
19
18
07A000H-07BFFFH
8 KByte
17
16
078000H - 079FFFH
8 KByte
15
14
006000H - 007FFFH
8 KByte
13
12
004000H - 005FFFH
8 KByte
11
10
002000H - 003FFFH
8 KByte
9
8
000000H - 001FFFH
8 KByte
7
070000H - 077FFFH
32 KByte
6
008000H - 00FFFFH
32 KByte
5
060000H - 06FFFFH
64 KByte
4
050000H - 05FFFFH
64 KByte
3
040000H - 04FFFFH
64 KByte
2
030000H - 03FFFFH
64 KByte
1
020000H - 02FFFFH
64 KByte
0
010000H - 01FFFFH
64 KByte
2005283 F68.0
MODE 3
0
1
SCK
SIO0
CE#
MODE 0
234567
98
SIO[3:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com