Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 75 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 75 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 71Page - Microchip Technology SST26WF040BA Datasheet HTML 72Page - Microchip Technology SST26WF040BA Datasheet HTML 73Page - Microchip Technology SST26WF040BA Datasheet HTML 74Page - Microchip Technology SST26WF040BA Datasheet HTML 75Page - Microchip Technology SST26WF040BA Datasheet HTML 76Page - Microchip Technology SST26WF040BA Datasheet HTML 77Page - Microchip Technology SST26WF040BA Datasheet HTML 78Page - Microchip Technology SST26WF040BA Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 75
SST26WF040B/040BA SST26WF080B/080BA
25AH
A23:A16
FEH
Section 4 Block Protection Bit Start
((2m) +1)+ c, c=FEH or -2, m= 3 for 4 Mb
The most significant (left-most) bit indicates the sign of the integer; it is
sometimes called the sign bit. If the sign bit is zero, then the number is
greater than or equal to zero, or positive. If the sign bit is one then the
number is less than zero or negative.
25BH
A31:A24
FEH
Section 4 Block Protection Bit End
((2m) +1)+ c, c=FEH or -2, m= 3 for 4 Mb
The most significant (left-most) bit indicates the sign of the integer; it is
sometimes called the sign bit. If the sign bit is zero, then the number is
greater than or equal to zero, or positive. If the sign bit is one then the
number is less than zero or negative.
25CH
A7:A0
02H
Section 5 Sector Type Number:
Sector type in JEDEC Parameter Table (top, 8 KByte)
25DH
A15:A8
02H
Section 5 Number of Sectors
Four of 8 KByte blocks (2n)
25EH
A23:A16
07H
Section 5 Block Protection Bit Start
((2m) +1)+ c, c=07H or 7, m= 3 for 4 Mb
Address bits are Read Lock bit locations and Even Address bits are
Write Lock bit locations. The most significant (left-most) bit indicates
the sign of the integer; it is sometimes called the sign bit. If the sign bit
is zero, then the number is greater than or equal to zero, or positive. If
the sign bit is one then the number is less than zero or negative.
25FH
A31:A24
0EH
Section 5 (Top) Block Protection Bit End
(((2m) +1)+ c, c=0EH or 15, m= 3 for 4 Mb,
Address bits are Read Lock bit locations and Even Address bits are
Write Lock bit locations. The most significant (left-most) bit indicates
the sign of the integer; it is sometimes called the sign bit. If the sign bit
is zero, then the number is greater than or equal to zero, or positive. If
the sign bit is one then the number is less than zero or negative.
1. See “Mapping Guidance Details” for more detailed mapping information
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) SST26WF040B/040BA
(CONTINUED) (16 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com