Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 91 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 91 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 87Page - Microchip Technology SST26WF040BA Datasheet HTML 88Page - Microchip Technology SST26WF040BA Datasheet HTML 89Page - Microchip Technology SST26WF040BA Datasheet HTML 90Page - Microchip Technology SST26WF040BA Datasheet HTML 91Page - Microchip Technology SST26WF040BA Datasheet HTML 92Page - Microchip Technology SST26WF040BA Datasheet HTML 93Page - Microchip Technology SST26WF040BA Datasheet HTML 94Page - Microchip Technology SST26WF040BA Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 91
SST26WF040B/040BA SST26WF080B/080BA
11.1
Mapping Guidance Details
The SFDP Memory Organization/Block Protection Bit
Mapping defines the memory organization including
uniform sector/block sizes and different contiguous
sectors/blocks sizes. In addition, this bit defines the
number of these uniform and different sectors/blocks
from address 000000H to the full range of Memory and
the associated Block Locking Register bits of each sec-
tor/block.
Each major Section is defined as follows:
A Major Section consists of Sector Type Number, Num-
ber of Sector of this type, and the Block-Protection Bit
Start/End locations. This is tied directly to JEDEC Flash
Parameter Table Sector Size Type (in 7th DWORD and
8th DWORD section). Note that the contiguous 4KByte
Sectors across the full memory range are not included
on this section because they are not defined in the
JEDEC Flash Parameter Table Sector Size Type sec-
tion. Only the sectors/blocks that are dependently tied
with the Block-Protection Register bits are defined. A
major section is a partition of contiguous same-size
sectors/blocks. There will be several Major Sections as
25AH
A23:A16
FEH
Section 4 Block Protection Bit Start
((2m) +1)+ c, c=FEH or -2, m= 4 for 8 Mb
The most significant (left-most) bit indicates the sign of the integer; it is
sometimes called the sign bit. If the sign bit is zero, then the number is
greater than or equal to zero, or positive. If the sign bit is one then the
number is less than zero or negative.
25BH
A31:A24
FEH
Section 4 Block Protection Bit End
((2m) +1)+ c, c=FEH or -2, m= 4 for 8 Mb
The most significant (left-most) bit indicates the sign of the integer; it is
sometimes called the sign bit. If the sign bit is zero, then the number is
greater than or equal to zero, or positive. If the sign bit is one then the
number is less than zero or negative.
25CH
A7:A0
02H
Section 5 Sector Type Number:
Sector type in JEDEC Parameter Table (top, 8 KByte)
25DH
A15:A8
02H
Section 5 Number of Sectors
Four of 8 KByte blocks (2n)
25EH
A23:A16
07H
Section 5 Block Protection Bit Start
((2m) +1)+ c, c=07H or 7, m= 4 for 8 Mb
Address bits are Read Lock bit locations and Even Address bits are
Write Lock bit locations. The most significant (left-most) bit indicates
the sign of the integer; it is sometimes called the sign bit. If the sign bit
is zero, then the number is greater than or equal to zero, or positive. If
the sign bit is one then the number is less than zero or negative.
25FH
A31:A24
0EH
Section 5 (Top) Block Protection Bit End
(((2m) +1)+ c, c=0EH or 15, m= 4 for 8 Mb,
Address bits are Read Lock bit locations and Even Address bits are
Write Lock bit locations. The most significant (left-most) bit indicates
the sign of the integer; it is sometimes called the sign bit. If the sign bit
is zero, then the number is greater than or equal to zero, or positive. If
the sign bit is one then the number is less than zero or negative.
1. See “Mapping Guidance Details” for more detailed mapping information
TABLE 11-2:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) SST26WF080B/080BA
(CONTINUED) (16 OF 16)
Address
Bit Address
Data
Comments
TABLE 11-3:
SECTION DEFINITION
Major Section X
Section X: Sector Type Number
Section X: Number of Sectors
Section X: Block-Protection Register Bit Start Location
Section X: Block-Protection Register Bit End Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com