Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 19 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 19 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 15Page - Microchip Technology SST26WF040BA Datasheet HTML 16Page - Microchip Technology SST26WF040BA Datasheet HTML 17Page - Microchip Technology SST26WF040BA Datasheet HTML 18Page - Microchip Technology SST26WF040BA Datasheet HTML 19Page - Microchip Technology SST26WF040BA Datasheet HTML 20Page - Microchip Technology SST26WF040BA Datasheet HTML 21Page - Microchip Technology SST26WF040BA Datasheet HTML 22Page - Microchip Technology SST26WF040BA Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 19
SST26WF040B/040BA SST26WF080B/080BA
5.8
SPI Quad I/O Read
The SPI Quad I/O Read (SQIOR) instruction supports
up to 104 MHz frequency. SST26WF040B and
SST26WF080B requires the IOC bit in the configura-
tion register to be set to ‘1’ prior to executing the com-
mand. Initiate SQIOR by executing an 8-bit command,
EBH. The device then switches to 4-bit I/O mode for
address bits A[23-0], followed by the Set Mode config-
uration bits M[7:0], and two dummy bytes.CE# must
remain active low for the duration of the SPI Quad I/O
Read. See Figure 5-9 for the SPI Quad I/O Read
sequence.
Following the dummy bytes, the device outputs data
from the specified address location. The device contin-
ually streams data output through all addresses until
terminated by a low-to-high transition on CE#. The
internal address pointer automatically increments until
the highest memory address is reached, at which point
the address pointer returns to the beginning of the
address space.
The Set Mode Configuration bit M[7:0] indicates if the
next instruction cycle is another SPI Quad I/O Read
command. When M[7:0] = AXH, the device expects the
next continuous instruction to be another Read com-
mand, EBH, and does not require the op-code to be
entered again. The host may set the next SQIOR cycle
by driving CE# low, then sending the four-bit wide input
for address A[23:0], followed by the Set Mode configu-
ration bits M[7:0], and two dummy cycles. After the two
dummy cycles, the device outputs the data starting
from the specified address location. There are no
restrictions on address location access.
When M[7:0] is any value other than AXH, the device
expects the next instruction initiated to be a command
instruction. To reset/exit the Set Mode configuration,
execute the Reset Quad I/O command, FFH. See Fig-
ure 5-10 for the SPI Quad I/O Mode Read sequence
when M[7:0] = AXH.
FIGURE 5-9:
SPI QUAD I/O READ SEQUENCE
A20 A16 A12 A8 A4 A0 M4 M0
CE#
SIO0
SCK
012345678
16 17
12
MODE 3
MODE 0
91011
EBH
20005283 F49.2
b4 b0
SIO1
SIO2
SIO3
Address
Data
Byte 0
Dummy
15
13 14
23
19
18
22
20 21
b4 b0
A21 A17 A13 A9 A5 A1 M5 M1
b5 b1 b5 b1
A22 A18 A14 A10 A6 A2 M6 M2
b6 b2 b6 b2
A23 A19 A15 A11 A7 A3 M7 M3
b7 b3 b7 b3
Set
Mode
Data
Byte 1
MSN LSN
X X X X
X X X X
X X X X
X X X X
Note: MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com