Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 73 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 73 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 69Page - Microchip Technology SST26WF040BA Datasheet HTML 70Page - Microchip Technology SST26WF040BA Datasheet HTML 71Page - Microchip Technology SST26WF040BA Datasheet HTML 72Page - Microchip Technology SST26WF040BA Datasheet HTML 73Page - Microchip Technology SST26WF040BA Datasheet HTML 74Page - Microchip Technology SST26WF040BA Datasheet HTML 75Page - Microchip Technology SST26WF040BA Datasheet HTML 76Page - Microchip Technology SST26WF040BA Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 73
SST26WF040B/040BA SST26WF080B/080BA
236H
A23:A16
C0H
Set Burst Length
237H
A31:A24
9FH
JEDEC-ID
238H
A7:A0
AFH
Quad J-ID
239H
A15:A8
5AH
SFDP
23AH
A23:A16
B9H
Deep Power-Down Mode
23BH
A31:A24
ABH
Release Deep Power-Down Mode
23CH
A4:A0
06H
(1-4-4) SPI nB Burst with Wrap Number of Wait states (dummy
clocks) needed before valid output
00110b: 6 clocks of dummy cycle
A7:A5
(1-4-4) SPI nB Burst with Wrap Number of Mode Bits
000b: Set Mode bits are not supported
23DH
A15:A8
ECH
(1-4-4) SPI nB Burst with Wrap Opcode
23EH
A20:A16
06H
(4-4-4) SQI nB Burst with Wrap Number of Wait states (dummy
clocks) needed before valid output
00110b: 6 clocks of dummy cycle
A23:A21
(4-4-4) SQI nB Burst with Wrap Number of Mode Bits
000b: Set Mode bits are not supported
23FH
A31:A24
0CH
(4-4-4) SQI nB Burst with Wrap Opcode
240H
A4:A0
00H
(1-1-1) Read Memory Number of Wait states (dummy clocks)
needed before valid output
00000b: Wait states/dummy clocks are not supported.
A7:A5
(1-1-1) Read Memory Number of Mode Bits
000b: Mode bits are not supported,
241H
A15:A8
03H
(1-1-1) Read Memory Opcode
242H
A20:A16
08H
(1-1-1) Read Memory at Higher Speed Number of Wait states
(dummy clocks) needed before valid output
01000: 8 clocks (8 bits) of dummy cycle
A23:A21
(1-1-1) Read Memory at Higher Speed Number of Mode Bits
000b: Mode bits are not supported,
243H
A31:A24
0BH
(1-1-1) Read Memory at Higher Speed Opcode
244H
A7:A0
FFH
Reserved. Bits default to all 1’s.
245H
A15:A8
FFH
Reserved. Bits default to all 1’s.
246H
A23:A16
FFH
Reserved. Bits default to all 1’s.
247H
A31:A24
FFH
Reserved. Bits default to all 1’s.
Security ID
248H
A7:A0
FFH
Security ID size in bytes
Example: If the size is 2 KBytes, this field would be 07FFH
249H
A15:A8
07H
24AH
A23:A16
FFH
Reserved. Bits default to all 1’s.
24BH
A31:A24
FFH
Reserved. Bits default to all 1’s.
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) SST26WF040B/040BA
(CONTINUED) (14 OF 16)
Address
Bit Address
Data
Comments
Security ID Range
Unique ID
(Pre-programmed at factory)
0000H - 0007H
User Programmable
0008H - 07FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com