Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 92 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 92 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 88Page - Microchip Technology SST26WF040BA Datasheet HTML 89Page - Microchip Technology SST26WF040BA Datasheet HTML 90Page - Microchip Technology SST26WF040BA Datasheet HTML 91Page - Microchip Technology SST26WF040BA Datasheet HTML 92Page - Microchip Technology SST26WF040BA Datasheet HTML 93Page - Microchip Technology SST26WF040BA Datasheet HTML 94Page - Microchip Technology SST26WF040BA Datasheet HTML 95Page - Microchip Technology SST26WF040BA Datasheet HTML 96Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 92 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 92
 2014-2017 Microchip Technology Inc.
you dissect across memory from 000000h to the full
range. Similar sector/block size that re-appear may be
defined as a different Major Section.
11.2
Sector Type Number
Sector Type Number is the sector/block size typed
defined in JEDEC Flash Parameter Table: SFDP
address locations 4CH, 4EH, 50H and 52H. Sector
Type 1, which is represented by 01H, is located at
address 4CH. Sector Type 2, which is represented by
02H, is located at address location 4EH. Sector Type 3,
which is represented by 03H, is located at address
location 50H. Sector Type 4, represented by 04H, is
located at address location 52H. Contiguous Same
Sector Type # Size can re-emerge across the memory
range and this Sector Type # will indicate that it is a
separate/independent Major Section from the previous
contiguous sectors/blocks.
11.3
Number of Sectors
Number of Sectors represents the number of contigu-
ous sectors/blocks with similar size. A formula calcu-
lates the contiguous sectors/blocks with similar size.
Given the sector/block size, type, and the number of
sectors, the address range of these sectors/blocks can
be determined along with specific Block Locking Reg-
ister bits that control the read/write protection of each
sectors/blocks.
11.4
Block-Protection Register Bit Start
Location (BPSL)
Block-Protection Register Bit Start Location (BPSL)
designates the start bit location in the Block-Protection
Register where the first sector/block of this Major Sec-
tion begins. If the value of BPSL is 00H, this location is
the 0 bit location. If the value is other than 0, then this
value is a constant value adder (c) for a given formula,
(2m + 1) + (c). See “Memory Configuration”.
From the initial location, there will be a bit location for
every increment by 1 until it reaches the Block Protec-
tion Register Bit End Location (BPEL). This number
range from BPSL to BPEL will correspond to, and be
equal to, the number of sectors/blocks on this Major
Section.
11.5
Block Protection Register Bit End
Location (BPEL)
Block Protection Register Bit End Location designates
the end bit location in the Block Protection Register bit
where the last sector/block of this Major Section ends.
The value in this field is a constant value adder (c) for
a given formula or equation, (2m + 1) + (c). See “Mem-
ory Configuration”
11.6
Memory Configuration
For the SST26WF040B/040BA and SST26WF080B/
080BA family, the memory configuration is setup with
different contiguous block sizes from bottom to the top
of the memory. For example, starting from bottom of
memory it has four 8KByte blocks, one 32KByte block,
x number of 64KByte blocks depending on memory
size, then one 32KByte block, and four 8KByte block on
the top of memory. See Table 11-4.
TABLE 11-4:
MEMORY BLOCK DIAGRAM REPRESENTATION
8 KByte Bottom Block
(from 000000H)
Section 1: Sector Type Number
Section 1: Number of Sectors
Section 1: Block-Protection Register Bit Start Location
Section 1: Block-Protection Register Bit End Location
32 KByte
Section 2: Sector Type Number
Section 2: Number of Sectors
Section 2: Block-Protection Register Bit Start Location
Section 2: Block-Protection Register Bit End Location
64 KByte
Section 3: Sector Type Number
Section 3: Number of Sectors
Section 3: Block-Protection Register Bit Start Location
Section 3: Block-Protection Register Bit End Location
32 KByte
Section 4: Sector Type Number
Section 4: Number of Sectors
Section 4: Block-Protection Register Bit Start Location
Section 4: Block-Protection Register Bit End Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com