Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 34 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 34 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 30Page - Microchip Technology SST26WF040BA Datasheet HTML 31Page - Microchip Technology SST26WF040BA Datasheet HTML 32Page - Microchip Technology SST26WF040BA Datasheet HTML 33Page - Microchip Technology SST26WF040BA Datasheet HTML 34Page - Microchip Technology SST26WF040BA Datasheet HTML 35Page - Microchip Technology SST26WF040BA Datasheet HTML 36Page - Microchip Technology SST26WF040BA Datasheet HTML 37Page - Microchip Technology SST26WF040BA Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 34
 2014-2017 Microchip Technology Inc.
5.33
Read Block-Protection Register
(RBPR)
The Read Block-Protection Register instruction outputs
the Block-Protection register data which determines
the protection status. To execute a Read Block-Protec-
tion Register operation, the host drives CE# low, and
then sends the Read Block-Protection Register com-
mand cycle (72H). A dummy cycle is required in SQI
mode.
After the command cycle, the device outputs data on
the falling edge of the SCK signal starting with the most
significant nibble, see Table 5-6 for definitions of each
bit in the Block-Protection register. The RBPR com-
mand does not wrap around. After all data has been
output, the device will output 0H until terminated by a
low-to-high transition on CE#. Figures 5-36 and 5-37.
FIGURE 5-36:
READ BLOCK-PROTECTION REGISTER SEQUENCE (SQI)
FIGURE 5-37:
READ BLOCK-PROTECTION REGISTER SEQUENCE (SPI)
2005283 F34.2
MODE 3
0
SCK
SIO[3:0]
CE#
C1 C0
2
H0 L0
MSN LSN
4
H1 L1
6
H2 L2
8
H3 L3
10
H4 L4
12
HN LN
BPR [m:m-7]
BPR [7:0]
XX
Note: MSN
= Most Significant Nibble, LSN = Least Significant Nibble
Block-Protection Register (BPR) m = 23 for SST26WF040B/040BA, m = 32 for SST26WF080B/080BA
CE#
SIO0
SCK
012345678
32 33
24
MODE 3
MODE 0
15 16
23
72H
2005283 F65.1
SIO
OP Code
Data Byte 0
Data Byte 1
Data Byte 2
Data Byte N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com