Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 25 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 25 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 21Page - Microchip Technology SST26WF040BA Datasheet HTML 22Page - Microchip Technology SST26WF040BA Datasheet HTML 23Page - Microchip Technology SST26WF040BA Datasheet HTML 24Page - Microchip Technology SST26WF040BA Datasheet HTML 25Page - Microchip Technology SST26WF040BA Datasheet HTML 26Page - Microchip Technology SST26WF040BA Datasheet HTML 27Page - Microchip Technology SST26WF040BA Datasheet HTML 28Page - Microchip Technology SST26WF040BA Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 25
SST26WF040B/040BA SST26WF080B/080BA
5.16
Serial Flash Discoverable
Parameters (SFDP)
The Serial Flash Discoverable Parameters (SFDP)
contain information describing the characteristics of the
device. This allows device-independent, JEDEC ID-
independent, and forward/backward compatible soft-
ware support for all future Serial Flash device families.
See Table 11-1 on page 60 for address and data val-
ues.
Initiate SFDP by executing an 8-bit command, 5AH, fol-
lowed by address bits A[23-0] and a dummy byte. CE#
must remain active low for the duration of the SFDP
cycle. For the SFDP sequence, see Figure 5-18.
FIGURE 5-18:
SERIAL FLASH DISCOVERABLE PARAMETERS SEQUENCE
5.17
Sector-Erase
The Sector-Erase instruction clears all bits in the
selected 4 KByte sector to ‘1,’ but it does not change a
protected memory area. Prior to any write operation,
the Write-Enable (WREN) instruction must be exe-
cuted.
To execute a Sector-Erase operation, the host drives
CE# low, then sends the Sector Erase command cycle
(20H) and three address cycles, and then drives CE#
high. Address bits [AMS:A12] (AMS = Most Significant
Address) determine the sector address (SAX); the
remaining address bits can be VIL or VIH. To identify the
completion of the internal, self-timed, Write operation,
poll the BUSY bit in the Status register, or wait TSE. See
Figures 5-19 and 5-20 for the Sector-Erase sequence.
FIGURE 5-19:
4 KBYTE SECTOR-ERASE SEQUENCE– SQI MODE (C[1:0] = 20 H)
FIGURE 5-20:
4 KBYTE SECTOR-ERASE SEQUENCE (SPI)
20005283 F56.0
CE#
SO
SI
SCK
ADD.
012 3 4 5
6 7 8
ADD.
ADD.
5A
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT
20005283 F07.0
MODE 3
0
1
SCK
SIO(3:0)
CE#
C1 C0
MODE 0
2
A5 A4
MSN LSN
4
A3 A2
6
A1 A0
Note: MSN = Most Signifi-
cant Nibble, LSN = Least Significant Nibble, C[1:0]=20H
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
20
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
20005283 F57.0
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com