Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 35 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 35 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 31Page - Microchip Technology SST26WF040BA Datasheet HTML 32Page - Microchip Technology SST26WF040BA Datasheet HTML 33Page - Microchip Technology SST26WF040BA Datasheet HTML 34Page - Microchip Technology SST26WF040BA Datasheet HTML 35Page - Microchip Technology SST26WF040BA Datasheet HTML 36Page - Microchip Technology SST26WF040BA Datasheet HTML 37Page - Microchip Technology SST26WF040BA Datasheet HTML 38Page - Microchip Technology SST26WF040BA Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 35
SST26WF040B/040BA SST26WF080B/080BA
5.34
Write Block-Protection Register
(WBPR)
The Write Block-Protection Register (WBPR) com-
mand changes the Block-Protection register data to
indicate the protection status. Execute WREN before
executing WBPR.
To execute a Write Block-Protection Register operation
the host drives CE# low, sends the Write Block-Protec-
tion Register command cycle (42H), sends six cycles of
data, and finally drives CE# high. Data input must be
most significant nibble first. See Table 5-6 for defini-
tions of each bit in the Block-Protection register. See
Figures 5-38 and 5-39.
FIGURE 5-38:
WRITE BLOCK-PROTECTION REGISTER SEQUENCE (SQI)
FIGURE 5-39:
WRITE BLOCK-PROTECTION REGISTER SEQUENCE (SPI)
2005283 F35.1
MODE 3
0
SCK
SIO(3:0)
CE#
C1 C0
MODE 0
2
H0 L0
MSN LSN
4
H1 L1
6
H2 L2
8
H3 L3
10
H4 L4
12
H5 L5
HN LN
BPR [m:m-7]
BPR [7:0]
Note:
MSN = Most Significant Nibble, LSN = Least Significant Nibble
Block-Protection Register (BPR) m = 23 for SST26WF040B/040BA, m = 32 for SST26WF080B/080BA
CE#
SO
SI
SCK
Data Byte0
01 2 3 4 5 6 7 8
Data Byte1
Data Byte2
Data ByteN
42H
15 16
23 24
31 32
MODE 0
MODE 3
OP Code
2005283 F66.1
Note: C[1:0]=42H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com