Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 79 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 79 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 75Page - Microchip Technology SST26WF040BA Datasheet HTML 76Page - Microchip Technology SST26WF040BA Datasheet HTML 77Page - Microchip Technology SST26WF040BA Datasheet HTML 78Page - Microchip Technology SST26WF040BA Datasheet HTML 79Page - Microchip Technology SST26WF040BA Datasheet HTML 80Page - Microchip Technology SST26WF040BA Datasheet HTML 81Page - Microchip Technology SST26WF040BA Datasheet HTML 82Page - Microchip Technology SST26WF040BA Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 79
SST26WF040B/040BA SST26WF080B/080BA
3AH
A20:A16
08H
(1-1-4) Fast Read Number of Wait states (dummy clocks) needed
before valid output
01000b: 8 dummy bits are needed with a single input opcode & address
and quad output data Fast Read Instruction
A23:A21
(1-1-4) Fast Read Number of Mode Bits
000b: No mode bits are needed with a single input opcode & address
and quad output data Fast Read Instruction
3BH
A31:A24
6BH
(1-1-4) Fast Read Opcode
Opcode for single input opcode & address and quad output data Fast
Read.
JEDEC Flash Parameter Table: 4th DWORD
3CH
A4:A0
08H
(1-1-2) Fast Read Number of Wait states (dummy clocks) needed
before valid output
01000b: 8 dummy clocks are needed with a single input opcode,
address and dual output data fast read instruction.
A7:A5
(1-1-2) Fast Read Number of Mode Bits
000b: No mode bits are needed with a single input opcode & address
and quad output data Fast Read Instruction
3DH
A15:A8
3BH
(1-1-2) Fast Read Opcode
Opcode for single input opcode& address and dual output data Fast Read.
3EH
A20:A16
80H
(1-2-2) Fast Read Number of Wait states (dummy clocks) needed
before valid output
00000b: 0 clocks of dummy cycle.
A23:A21
(1-2-2) Fast Read Number of Mode Bits (in clocks)
100b: 4 clocks of mode bits are needed
3FH
A31:A24
BBH
(1-2-2) Fast Read Opcode
Opcode for single input opcode, dual input address, and dual output
data Fast Read.
JEDEC Flash Parameter Table: 5th DWORD
40H
A0
FEH
Supports (2-2-2) Fast Read
Device supports dual input opcode& address and dual output data Fast
Read.
0:
(2-2-2) Fast Read NOT supported.
1:
(2-2-2) Fast Read supported.
A3:A1
Reserved. Bits default to all 1’s.
A4
Supports (4-4-4) Fast Read
Device supports Quad input opcode & address and quad output data
Fast Read.
0:
(4-4-4) Fast Read NOT supported.
1:
(4-4-4) Fast Read supported.
A7:A5
Reserved. Bits default to all 1’s.
41H
A15:A8
FFH
Reserved. Bits default to all 1’s.
42H
A23:A16
FFH
Reserved. Bits default to all 1’s.
43H
A31:A24
FFH
Reserved. Bits default to all 1’s.
TABLE 11-2:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) SST26WF080B/080BA
(CONTINUED) (4 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com