Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 42 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 42 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 38Page - Microchip Technology SST26WF040BA Datasheet HTML 39Page - Microchip Technology SST26WF040BA Datasheet HTML 40Page - Microchip Technology SST26WF040BA Datasheet HTML 41Page - Microchip Technology SST26WF040BA Datasheet HTML 42Page - Microchip Technology SST26WF040BA Datasheet HTML 43Page - Microchip Technology SST26WF040BA Datasheet HTML 44Page - Microchip Technology SST26WF040BA Datasheet HTML 45Page - Microchip Technology SST26WF040BA Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 42
 2014-2017 Microchip Technology Inc.
6.0
ELECTRICAL SPECIFICATIONS
6.1
Power-Up Specifications
All functionalities and DC specifications are specified
for a VDD ramp rate of greater than 1V per 100 ms (0V
to 3.0V in less than 300 ms).
When VDD drops from the operating voltage to below
the minimum VDD threshold at power-down, all opera-
tions are disabled and the device does not respond to
commands. Data corruption may result if a power-down
occurs while a Write-Registers, program, or erase
operation is in progress. See Figure 6-2.
Applied conditions greater than those listed under “Absolute Maximum Stress Ratings” may cause perma-
nent damage to the device. This is a stress rating only and functional operation of the device at these con-
ditions or conditions greater than those defined in the operational sections of this data sheet is not implied.
Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V
Package Power Dissipation Capability (TA = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Output shorted for no more than one second. No more than one output shorted at a time.
TABLE 6-1:
OPERATING RANGE
Range
Ambient Temp
VDD
Industrial
-40°C to +85°C
1.65-1.95V
TABLE 6-2:
AC CONDITIONS OF TEST1
1. See Figure 8-5
Input Rise/Fall Time
Output Load
3ns
CL = 30 pF
TABLE 6-3:
RECOMMENDED SYSTEM POWER-UP/DOWN TIMINGS
Symbol
Parameter
Minimum
Max
Units
Condition
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
VDD Min to Read Operation
100
µs
TPU-WRITE1 VDD Min to Write Operation
100
µs
TPD1
Power-down Duration
100
ms
VOFF
VDD off time
0.3
V
0V recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com