Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 40 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 40 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 36Page - Microchip Technology SST26WF040BA Datasheet HTML 37Page - Microchip Technology SST26WF040BA Datasheet HTML 38Page - Microchip Technology SST26WF040BA Datasheet HTML 39Page - Microchip Technology SST26WF040BA Datasheet HTML 40Page - Microchip Technology SST26WF040BA Datasheet HTML 41Page - Microchip Technology SST26WF040BA Datasheet HTML 42Page - Microchip Technology SST26WF040BA Datasheet HTML 43Page - Microchip Technology SST26WF040BA Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 40
 2014-2017 Microchip Technology Inc.
5.38
Deep Power-Down
The Deep Power-down (DPD) instruction puts the
device in the lowest power consumption mode–the
Deep Power-down mode. The Deep Power-down
instruction is ignored during an internal write operation.
While the device is in Deep Power-down mode, all
instructions will be ignored except for the Release
Deep Power-down instruction.
Enter Deep Power-down mode by initiating the Deep
Power-down (DPD) instruction (B9H) while driving CE#
low. CE# must be driven high before executing the
DPD instruction. After CE# is driven high, it requires a
delay of TDPD before the standby current ISB is reduced
to deep power-down current IDPD. See Table 5-8 for
Deep Power-down timing. If the device is busy perform-
ing an internal erase or program operation, initiating a
Deep Power-down instruction will not placed the device
in Deep Power-down mode. See Figures 5-46 and 5-47
for the DPD instruction sequence.
FIGURE 5-46:
DEEP POWER-DOWN (DPD) SEQUENCE (SQI)
FIGURE 5-47:
DEEP POWER-DOWN (DPD) (SPI)
TABLE 5-8:
DEEP POWER-DOWN
Symbol
Parameter
Min
Max
Units
TDPD
CE# High to Deep Power-down
3
µs
TSBR
CE# High to Standby Mode
10
µs
20005283 F100.0
MODE 3
SCK
SIO(3:0)
CE#
MODE 0
B9
MSN
LSN
0
1
TDPD
Standby Mode Deep Power-Down Mode
Note: MSN= Most Significant Nibble; LSN = Least Significant Nibble
CE#
SO
SI
SCK
01 2 3 4 5 6 7
B9
HIGH IMPEDANCE
MODE 0
MODE 3
20005283 F101.0
MSB
TDPD
Standby Mode Deep Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com