Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26WF040BA Datasheet(PDF) 33 Page - Microchip Technology

Part # SST26WF040BA
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BA Datasheet(HTML) 33 Page - Microchip Technology

Back Button SST26WF040BA Datasheet HTML 29Page - Microchip Technology SST26WF040BA Datasheet HTML 30Page - Microchip Technology SST26WF040BA Datasheet HTML 31Page - Microchip Technology SST26WF040BA Datasheet HTML 32Page - Microchip Technology SST26WF040BA Datasheet HTML 33Page - Microchip Technology SST26WF040BA Datasheet HTML 34Page - Microchip Technology SST26WF040BA Datasheet HTML 35Page - Microchip Technology SST26WF040BA Datasheet HTML 36Page - Microchip Technology SST26WF040BA Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 33
SST26WF040B/040BA SST26WF080B/080BA
5.31
Write-Enable (WREN)
The Write Enable (WREN) instruction sets the Write-
Enable-Latch bit in the Status register to ‘1,’ allowing
Write operations to occur. The WREN instruction must
be executed prior to any of the following operations:
Sector Erase, Block Erase, Chip Erase, Page Program,
Program Security ID, Lockout Security ID, Write Block-
Protection Register, Lock-Down Block-Protection Reg-
ister, and Non-Volatile Write-Lock Lock-Down Register,
SPI Quad Page Program, and Write Status Register. To
execute a Write Enable the host drives CE# low then
sends the Write Enable command cycle (06H) then
drives CE# high. See Figures 5-32 and 5-33 for the
WREN instruction sequence. See Figures 5-32 and 5-
33 for the WREN instruction sequence.
FIGURE 5-32:
WRITE-ENABLE
SEQUENCE (SQI)
FIGURE 5-33:
WRITE-ENABLE
SEQUENCE (SPI)
5.32
Write-Disable (WRDI)
The Write-Disable (WRDI) instruction sets the Write-
Enable-Latch bit in the Status register to ‘0,’ preventing
Write operations. The WRDI instruction is ignored
during any internal write operations. Any Write opera-
tion started before executing WRDI will complete. Drive
CE# high before executing WRDI.
To execute a Write-Disable, the host drives CE# low,
sends the Write Disable command cycle (04H), then
drives CE# high. See Figures 5-34 and 5-35.
FIGURE 5-34:
WRITE-DISABLE (WRDI)
SEQUENCE (SQI)
FIGURE 5-35:
WRITE-DISABLE (WRDI)
SEQUENCE (SPI)
20005283 F12.1
MODE 3
0
1
SCK
SIO[3:0]
CE#
06
MODE 0
CE#
SO
SI
SCK
01 2 3 4 5 6 7
06
HIGH IMPEDANCE
MODE 0
MODE 3
20005283 F18.0
MSB
20005283 F33.1
MODE 3
0
1
SCK
SIO(3:0)
CE#
04
MODE 0
CE#
SO
SI
SCK
01 2 3 4 5 6 7
04
HIGH IMPEDANCE
MODE 0
MODE 3
20005283 F19.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com