Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

246CTI-V Datasheet (PDF) - Vishay Siliconix

246CTI-V Datasheet PDF - Vishay Siliconix
Part # 246CTI-V
Download  246CTI-V Download
File Size   131.29 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance, High Vibration Capability

246CTI-V Datasheet (PDF)

Go To PDF Page Download Datasheet
246CTI-V Datasheet PDF - Vishay Siliconix

Part # 246CTI-V
Download  246CTI-V Click to download

File Size   131.29 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance, High Vibration Capability

246CTI-V Datasheet (HTML) - Vishay Siliconix


246CTI-V Product details

FEATURES
• Extended useful life: up to 6000 h at 125 °C
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte, self healing
• SMD-version with base plate, lead (Pb)-free
reflow solderable
• Charge and discharge proof, no peak current limitation
• Advanced temperature reflow soldering according to
JEDEC® J-STD-020
• Vibration proof, 6-pin version up to 30 g
• AEC-Q200 qualified
• High reliability
• Low ESR
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 246CTI-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
246CTI-V VISHAY-246CTI-V Datasheet
135Kb / 10P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance, High Vibration Capability
12-Apr-17
More results


Similar Description - 246CTI-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
246CTI-V VISHAY-246CTI-V Datasheet
135Kb / 10P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance, High Vibration Capability
12-Apr-17
246RTI-V VISHAY-246RTI-V Datasheet
120Kb / 8P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance, High Vibration Capability
14-Mar-17
250CRZ-V VISHAY-250CRZ-V Datasheet
137Kb / 10P
Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
12-Apr-17
250RMI-V VISHAY-250RMI-V Datasheet
120Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
20-Mar-17
260CLA-V VISHAY-260CLA-V Datasheet
141Kb / 11P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance High Vibration Capability
12-Apr-17
246RTI-V VISHAY-246RTI-V_V01 Datasheet
120Kb / 8P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance, High Vibration Capability
27-Apr-2022
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
27-Apr-2022
250RMI-V VISHAY-250RMI-V_V01 Datasheet
117Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
27-Apr-2022
260RLA-V VISHAY-260RLA-V_V01 Datasheet
129Kb / 8P
Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance, High Vibration Capability
27-Apr-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com