Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5489/27C Datasheet (PDF) - Alpha Wire

5489/27C Datasheet PDF - Alpha Wire
Part # 5489/27C
Download  5489/27C Download
File Size   100.67 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

5489/27C Datasheet (PDF)

Go To PDF Page Download Datasheet
5489/27C Datasheet PDF - Alpha Wire

Part # 5489/27C
Download  5489/27C Click to download

File Size   100.67 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

5489/27C Datasheet (HTML) - Alpha Wire


5489/27C Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 27 X 1 PAIR
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.010" Wall, Nom. PVC, Semi Rigid 0.050
(1) Color Code Alpha Wire Color Code B
Pair Color Pair Color Pair Color
1 WHITE-BLACK 10 BLACK-BROWN 19
BROWNORANGE
2 WHITE-BROWN 11 BLACK-RED 20
BROWNYELLOW
3 WHITE-RED 12
BLACKORANGE
21 BROWN-GREEN
4 WHITE-ORANGE 13 BLACK-YELLOW 22 BROWN-BLUE
5 WHITE-YELLOW 14 BLACK-GREEN 23 BROWN-VIOLET
6 WHITE-GREEN 15 BLACK-BLUE 24 BROWN-SLATE
7 WHITE-BLUE 16 BLACK-VIOLET 25 RED-ORANGE
8 WHITE-VIOLET 17 BLACK-SLATE 26 RED-YELLOW
9 WHITE-SLATE 18 BROWN-RED 27 RED-GREEN
c) Pair 2/Cond Cabled Together
(1) Twists: 8.0 Twists/foot (min)
2) Cable Assembly 27 Components Cabled
a) Twists: 1.6 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Shield: Alum/Mylar Tape, 20% Overlap, Min.
a) Foil Direction Foil Facing In
b) Drain Wire 22 (7/30) AWG Tinned Copper
4) Jacket 0.053" Wall, Nom.,PVC 0.619 (0.651 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 5489/27C 27PR 22 AWG
XTRAGUARD(R) 1 SHIELDED (UL) TYPE CM 105C SUN RES
OR AWM 2464 80C 300V OR AWM 2517 105C 300V
VW-1 --- LLXXXXXX CSA 105C TYPE CMG FT4
CE ROHS OIL RESISTANT (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 5489/27C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5489/11C ALPHAWIRE-5489/11C Datasheet
101Kb / 5P
Customer Specification
8/29/2022
5489/11C ALPHAWIRE-5489/11C Datasheet
99Kb / 5P
Customer Specification
12/1/2022
5489/11C ALPHAWIRE-5489/11C Datasheet
413Kb / 4P
22 (7/30) AWG Tinned Copper
5489/15C ALPHAWIRE-5489/15C Datasheet
100Kb / 5P
Customer Specification
12/5/2022
5489/19C ALPHAWIRE-5489/19C Datasheet
100Kb / 5P
Customer Specification
12/12/2022
More results


Similar Description - 5489/27C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com