Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5489/27C Datasheet(PDF) 1 Page - Alpha Wire

Part # 5489/27C
Description  Customer Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5489/27C Datasheet(HTML) 1 Page - Alpha Wire

  5489/27C Datasheet HTML 1Page - Alpha Wire 5489/27C Datasheet HTML 2Page - Alpha Wire 5489/27C Datasheet HTML 3Page - Alpha Wire 5489/27C Datasheet HTML 4Page - Alpha Wire 5489/27C Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Customer Specification
PART NO. 5489/27C
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
27 X 1 PAIR
a) Conductor
22 (7/30) AWG Tinned Copper
0.030
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.050
(1) Color Code
Alpha Wire Color Code B
Pair
Color
Pair
Color
Pair
Color
1
WHITE-BLACK
10
BLACK-BROWN 19
BROWN-
ORANGE
2
WHITE-BROWN
11
BLACK-RED
20
BROWN-
YELLOW
3
WHITE-RED
12
BLACK-
ORANGE
21
BROWN-GREEN
4
WHITE-ORANGE 13
BLACK-YELLOW 22
BROWN-BLUE
5
WHITE-YELLOW 14
BLACK-GREEN
23
BROWN-VIOLET
6
WHITE-GREEN
15
BLACK-BLUE
24
BROWN-SLATE
7
WHITE-BLUE
16
BLACK-VIOLET
25
RED-ORANGE
8
WHITE-VIOLET
17
BLACK-SLATE
26
RED-YELLOW
9
WHITE-SLATE
18
BROWN-RED
27
RED-GREEN
c) Pair
2/Cond Cabled Together
(1) Twists:
8.0 Twists/foot (min)
2) Cable Assembly
27 Components Cabled
a) Twists:
1.6 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Shield:
Alum/Mylar Tape, 20% Overlap, Min.


Similar Part No. - 5489/27C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5489/11C ALPHAWIRE-5489/11C Datasheet
101Kb / 5P
Customer Specification
8/29/2022
5489/11C ALPHAWIRE-5489/11C Datasheet
99Kb / 5P
Customer Specification
12/1/2022
5489/11C ALPHAWIRE-5489/11C Datasheet
413Kb / 4P
22 (7/30) AWG Tinned Copper
5489/15C ALPHAWIRE-5489/15C Datasheet
100Kb / 5P
Customer Specification
12/5/2022
5489/19C ALPHAWIRE-5489/19C Datasheet
100Kb / 5P
Customer Specification
12/12/2022
More results

Similar Description - 5489/27C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com