Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1845374 Datasheet (PDF) - PHOENIX CONTACT

1845374 Datasheet PDF - PHOENIX CONTACT
Part # 1845374
Download  1845374 Download
File Size   656.35 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MDSTBVA 2,5/ 6-G-5,08

1845374 Datasheet (PDF)

Go To PDF Page Download Datasheet
1845374 Datasheet PDF - PHOENIX CONTACT

Part # 1845374
Download  1845374 Click to download

File Size   656.35 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MDSTBVA 2,5/ 6-G-5,08

1845374 Datasheet (HTML) - PHOENIX CONTACT


1845374 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 12,
number of rows: 2, number of positions: 6, number of connections: 12, product range: MDSTBVA
2,5/..-G, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard, The article can be aligned to create different nos. of positions! In
combination with MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an
MVSTBR plug (or FKCVR) must be used. Combination with TMSTBP plug components is not possible!

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1845374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1845373 PHOENIX-1845373 Datasheet
75Kb / 4P
PCB terminal block - SPT 35/ 5-V-15,00
More results


Similar Description - 1845374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1845413 PHOENIX-1845413 Datasheet
81Kb / 5P
Base strip - MDSTBVA 2,5/10-G-5,08
1845332 PHOENIX-1845332 Datasheet
175Kb / 12P
Feed-through header - MDSTBVA 2,5/ 2-G-5,08
1877630 PHOENIX-1877630 Datasheet
539Kb / 16P
PCB header - MDSTBVA 2,5/ 2-GR-5,08
Nov 30, 2022
1877627 PHOENIX-1877627 Datasheet
538Kb / 16P
PCB header - MDSTBVA 2,5/ 2-GL-5,08
Jan 3, 2023
1842144 PHOENIX-1842144 Datasheet
630Kb / 18P
PCB header - MDSTBA 2,5/10-G-5,08
Jan 3, 2023
1845439 PHOENIX-1845439 Datasheet
588Kb / 18P
PCB header - MDSTBVA 2,5/12-G-5,08
Jan 3, 2023
1936050 PHOENIX-1936050 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 6-G-5,08-RN
Jan 3, 2023
1955895 PHOENIX-1955895 Datasheet
1Mb / 28P
CCVA 2,5/ 6-G-5,08 P26THR - PCB header
1956124 PHOENIX-1956124 Datasheet
359Kb / 11P
CCVA 2,5/ 6-G-5,08 RNP26THR - PCB header
1926057 PHOENIX-1926057 Datasheet
243Kb / 10P
MSTBA 2,5/ 6-G-5,08-RN - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com