Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1956124 Datasheet (PDF) - PHOENIX CONTACT

1956124 Datasheet PDF - PHOENIX CONTACT
Part # 1956124
Download  1956124 Download
File Size   359.08 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCVA 2,5/ 6-G-5,08 RNP26THR - PCB header

1956124 Datasheet (PDF)

Go To PDF Page Download Datasheet
1956124 Datasheet PDF - PHOENIX CONTACT

Part # 1956124
Download  1956124 Click to download

File Size   359.08 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCVA 2,5/ 6-G-5,08 RNP26THR - PCB header

1956124 Datasheet (HTML) - PHOENIX CONTACT


1956124 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 6, number
of rows: 1, number of positions: 6, number of connections: 6, product range: CCVA 2,5/..-G-RN,
pitch: 5.08 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2.6 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: Snap-in locking, mounting: Engagement nose, type of
packaging: packed in cardboard, Article with self-locking flange; user information and design
recommendations on through-hole reflow technology can be found at: "Downloads"

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Closed contour for optimum stability of the plug-in connection
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1956124

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
19561-1 MACOM-19561-1 Datasheet
3Mb / 22P
Wire-to-Board, Wire-to-Panel and Wire-to-Wire
logo
PHOENIX CONTACT
1956108 PHOENIX-1956108 Datasheet
347Kb / 11P
CCVA 2,5/ 4-G-5,08 RNP26THR - PCB header
1956111 PHOENIX-1956111 Datasheet
347Kb / 11P
CCVA 2,5/ 5-G-5,08 RNP26THR - PCB header
1956140 PHOENIX-1956140 Datasheet
346Kb / 11P
CCVA 2,5/ 8-G-5,08 RNP26THR - PCB header
logo
Tyco Electronics
1956164-1 MACOM-1956164-1 Datasheet
460Kb / 4P
Miniature Power PCB RYII & RYII Reflow Solderable
More results


Similar Description - 1956124

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1955222 PHOENIX-1955222 Datasheet
127Kb / 5P
CCA 2,5/ 8-G-5,08 RNP26THR
1956085 PHOENIX-1956085 Datasheet
109Kb / 6P
Printed-circuit board connector - CCVA 2,5/ 2-G-5,08 RNP26THR
09/12/2020
1845374 PHOENIX-1845374 Datasheet
656Kb / 19P
PCB header - MDSTBVA 2,5/ 6-G-5,08
Jan 4, 2023
1955918 PHOENIX-1955918 Datasheet
1Mb / 28P
PCB header - CCVA 2,5/ 8-G-5,08 P26THR
Jan 3, 2023
1955963 PHOENIX-1955963 Datasheet
1Mb / 27P
PCB header - CCVA 2,5/ 2-G-5,08 P26THRR32
Jan 4, 2023
1955976 PHOENIX-1955976 Datasheet
1Mb / 27P
PCB header - CCVA 2,5/ 3-G-5,08 P26THRR32
Jan 3, 2023
1955895 PHOENIX-1955895 Datasheet
1Mb / 28P
CCVA 2,5/ 6-G-5,08 P26THR - PCB header
1955992 PHOENIX-1955992 Datasheet
1Mb / 27P
CCVA 2,5/ 5-G-5,08 P26THRR56 - PCB header
1837064 PHOENIX-1837064 Datasheet
631Kb / 18P
CCVA 2,5/ 6-G P20 THR - PCB header
1956098 PHOENIX-1956098 Datasheet
359Kb / 11P
CCVA 2,5/ 3-G-5,08 RNP26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com