Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU1C Datasheet (PDF) - EIC discrete Semiconductors

EU1C Datasheet PDF - EIC discrete Semiconductors
Part # EU1C
Download  EU1C Download
File Size   44.88 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description FAST RECOVERY RECTIFIER DIODE

EU1C Datasheet (PDF)

Go To PDF Page Download Datasheet
EU1C Datasheet PDF - EIC discrete Semiconductors

Part # EU1C
Download  EU1C Click to download

File Size   44.88 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description FAST RECOVERY RECTIFIER DIODE

EU1C Datasheet (HTML) - EIC discrete Semiconductors


EU1C Product details

PRV : 1000 Volts
Io : 0.2 Ampere

FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
* Pb / RoHS Free

MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.339 gram




Similar Part No. - EU1C

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
EU1C BILIN-EU1C Datasheet
63Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Rugao Dachang Electroni...
EU1C DACHANG-EU1C Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 200 to 1000V Forward Current 0.25A
logo
Shenzhen Luguang Electr...
EU1C LUGUANG-EU1C Datasheet
175Kb / 2P
High Efficiency Rectifiers
logo
Rugao Dachang Electroni...
EU1C DACHANG-EU1C Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier
logo
Galaxy Semi-Conductor H...
EU1CZ BILIN-EU1CZ Datasheet
63Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Similar Description - EU1C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT08P-1000 STMICROELECTRONICS-BYT08P-1000 Datasheet
46Kb / 4P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT12P-1000 STMICROELECTRONICS-BYT12P-1000 Datasheet
99Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT3400B STMICROELECTRONICS-BYT3400B Datasheet
43Kb / 3P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Semikron International
SKN3F20 SEMIKRON-SKN3F20 Datasheet
451Kb / 3P
Fast Recovery Rectifier Diode
SKR48F SEMIKRON-SKR48F Datasheet
267Kb / 3P
Fast Recovery Rectifier Diode
SKN136F SEMIKRON-SKN136F Datasheet
358Kb / 3P
Fast Recovery Rectifier Diode
logo
STMicroelectronics
BYT30PI-1000RG STMICROELECTRONICS-BYT30PI-1000RG Datasheet
112Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Taiwan Semiconductor Co...
ES0406D1 TSC-ES0406D1 Datasheet
88Kb / 3P
Fast Recovery Rectifier Diode
logo
EIC discrete Semiconduc...
EP01C EIC-EP01C Datasheet
133Kb / 2P
FAST RECOVERY RECTIFIER DIODE
RU3YX EIC-RU3YX_V01 Datasheet
78Kb / 2P
FAST RECOVERY RECTIFIER DIODE
Rev. 02 : March 25, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com