Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU1C Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

EU1C Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # EU1C
Download  EU1C Download
File Size   63.75 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description HIGH EFFICIENCY RECTIFIER

EU1C Datasheet (PDF)

Go To PDF Page Download Datasheet
EU1C Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # EU1C
Download  EU1C Click to download

File Size   63.75 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description HIGH EFFICIENCY RECTIFIER

EU1C Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited


EU1C Product details

VOLTAGE RANGE: 200--- 1000 V
CURRENT: 0.25,0.5 A

FEATURES
◇ Low cost
◇ Diffused junction
◇ Low leakage
◇ Low forward voltage drop
◇ Easily cleaned with freon, Alcohol, lsopropand and similar solvents

MECHANICAL DATA
◇ Case: JEDEC DO-41, molded plastic
◇ Terminals: Axial leads,solderable per MIL-STD-202, Method 208
◇ Mounting: Any
◇ Polarity: Color band denotes cathode
◇ Weight: 0.012 ounces, 0.34 grams




Similar Part No. - EU1C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
EU1C EIC-EU1C Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIER DIODE
logo
Rugao Dachang Electroni...
EU1C DACHANG-EU1C Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 200 to 1000V Forward Current 0.25A
logo
Shenzhen Luguang Electr...
EU1C LUGUANG-EU1C Datasheet
175Kb / 2P
High Efficiency Rectifiers
logo
Rugao Dachang Electroni...
EU1C DACHANG-EU1C Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier
More results


Similar Description - EU1C

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
High Efficiency Rectifier
logo
List of Unclassifed Man...
HER201 ETC2-HER201 Datasheet
119Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com