Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

042ASH Datasheet (PDF) - Vishay Siliconix

042ASH Datasheet PDF - Vishay Siliconix
Part # 042ASH
Download  042ASH Download
File Size   222.96 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Axial Standard, High Voltage

042ASH Datasheet (PDF)

Go To PDF Page Download Datasheet
042ASH Datasheet PDF - Vishay Siliconix

Part # 042ASH
Download  042ASH Click to download

File Size   222.96 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Axial Standard, High Voltage

042ASH Datasheet (HTML) - Vishay Siliconix


042ASH Product details

FEATURES
• Useful life: 5000 h to 15 000 h at 85 °C
• High rated voltage: up to 450 V
• Taped versions up to case Ø 15 mm x 30 mm
available for automatic insertion
• Polarized aluminum electrolytic capacitors, non-solid
electrolyte
• Axial leads, cylindrical aluminum case, insulated with a
blue sleeve
• Mounting ring version not available in insulated form
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 042ASH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
042ASH VISHAY-042ASH Datasheet
225Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard, High Voltage
19-Sep-16
More results


Similar Description - 042ASH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
041-043ASH VISHAY-041-043ASH Datasheet
119Kb / 9P
Aluminum Capacitors Axial Standard, High Voltage
05-May-08
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
105째C Standard Axial Lead Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
85째C Standard Axial Lead Aluminum Electrolytic Capacitors
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
Axial Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard Miniature
16-Sep-16
041ASH VISHAY-041ASH Datasheet
225Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard, High Voltage
19-Sep-16
logo
Kemet Corporation
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/5/2022
logo
Vishay Siliconix
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard
16-Sep-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com