Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

042ASH Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 042ASH
Description  Aluminum Electrolytic Capacitors Axial Standard, High Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

042ASH Datasheet(HTML) 7 Page - Vishay Siliconix

  042ASH Datasheet HTML 1Page - Vishay Siliconix 042ASH Datasheet HTML 2Page - Vishay Siliconix 042ASH Datasheet HTML 3Page - Vishay Siliconix 042ASH Datasheet HTML 4Page - Vishay Siliconix 042ASH Datasheet HTML 5Page - Vishay Siliconix 042ASH Datasheet HTML 6Page - Vishay Siliconix 042ASH Datasheet HTML 7Page - Vishay Siliconix 042ASH Datasheet HTML 8Page - Vishay Siliconix 042ASH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
041 ASH, 042 ASH, 043 ASH
www.vishay.com
Vishay BCcomponents
Revision: 19-Sep-16
7
Document Number: 28329
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RIPPLE CURRENT AND USEFUL LIFE
Table 3
Note
• Multiplier of useful life code: CCC205
Fig. 12 - Multiplier of useful life as a function of ambient temperature and ripple current load
Table 4
ENDURANCE TEST DURATION AND USEFUL LIFE
LIFE CODE
ENDURANCE AT 85 °C
(h)
USEFUL LIFE AT 85 °C
(h)
L1
2000
5000
L2
8000
15 000
L3
5000
10 000
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
50
100
300
1000
3000
10 000
IR MULTIPLIER
0.75
1.00
1.15
1.30
1.40
1.50
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
CCC205
Lifetime multiplier
(1)
I
A
I
R
T
amb (°C)
I
A = Actual ripple current at 100 Hz
I
R = Rated ripple at 100 Hz, 85 °C
(1) Useful life at 85 °C and I
R applied;
Case Ø D x L = 8 mm x 18 mm to
10 mm x 25 mm: 5000 h
Case Ø D x L = 8 mm x 18 mm to
10 mm x 25 mm: 5000 h
(450 V: 10 000 h)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com