Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT71D03 Datasheet (PDF) - Exar Corporation

XRT71D03 Datasheet PDF - Exar Corporation
Part # XRT71D03
Download  XRT71D03 Download
File Size   246.32 Kbytes
Page   24 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR

XRT71D03 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT71D03 Datasheet PDF - Exar Corporation

Part # XRT71D03
Download  XRT71D03 Click to download

File Size   246.32 Kbytes
Page   24 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR

XRT71D03 Datasheet (HTML) - Exar Corporation


XRT71D03 Product details

GENERAL DESCRIPTION
The XRT71D03 is a three channel, single chip Jitter Attenuator, that meets the Jitter transfer characteristics requirements specified in the ETSI TBR-24, Bellcore GR-499 and GR-253 standards.

FEATURES
• Meets the E3/DS3/STS-1 jitter requirements
• No external components required
• Compliant with jitter transfer template outlined in ITU G.751, G.752, G.755, GR-235-CORE, GR- 499-CORE,1995 standards
• Meets output jitter requirement as specified by ETSI TBR24
• Meets the Jitter and Wander specifications described in T1.105.03b,GR-253 and GR-499 standards.
• Selectable buffer size of 16 and 32 bits
• Jitter attenuator can be disabled
• Available in a 64 pin LQFP package.
• Single 3.3V or 5.0V supply.
• Operates over - 40° C to 85° C temperature range.

APPLICATIONS
• E3/DS3 Access Equipment.
• DSLAMs




Similar Part No. - XRT71D03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D00 EXAR-XRT71D00 Datasheet
278Kb / 26P
E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D00IQ EXAR-XRT71D00IQ Datasheet
113Kb / 18P
E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D00IQ EXAR-XRT71D00IQ Datasheet
278Kb / 26P
E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
E3/DS3/STS-1 JITTER ATTENUATOR
More results


Similar Description - XRT71D03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT71D04 EXAR-XRT71D04 Datasheet
264Kb / 22P
4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
E3/DS3/STS-1 JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
logo
Teridian Semiconductor ...
78P2342JAT TERIDIAN-78P2342JAT Datasheet
340Kb / 36P
2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2343JAT TERIDIAN-78P2343JAT Datasheet
351Kb / 37P
3-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2344JAT TERIDIAN-78P2344JAT Datasheet
353Kb / 37P
4-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
12-Port DS3/E3/STS-1 Digital Jitter Attenuator
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com