Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT71D00 Datasheet (PDF) - Exar Corporation

XRT71D00 Datasheet PDF - Exar Corporation
Part # XRT71D00
Download  XRT71D00 Download
File Size   113.16 Kbytes
Page   18 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER

XRT71D00 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT71D00 Datasheet PDF - Exar Corporation

Part # XRT71D00
Download  XRT71D00 Click to download

File Size   113.16 Kbytes
Page   18 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER

XRT71D00 Datasheet (HTML) - Exar Corporation


XRT71D00 Product details

GENERAL DESCRIPTION
The XRT71D00 is a single channel, single chip Jitter Attenuator, that meets the Jitter transfer characteristic requirements specified in the ETSI TBR-24, Bellcore GR-499-CORE and GR-253-CORE standards.
In addition, the XRT71D00 also meets the Output Jitter and Wander specifications described in the ANSI T1.105.03b 1997, Bellcore GR-253-CORE and GR-499-CORE standards.

FEATURES
• Meets E3/DS3/STS-1 jitter transfer requirements
• No external components required
• Compliant with the jitter transfer characteristic
   requirements specified in ITU G.751, G.752, and
   G.755 for E3 applications
• Meets jitter transfer characteristic requirement as
   specified by ETSI TBR24 (for E3 applications).
• Meets the Output Jitter and Wander specifications
   described in ANSI T1.105.03b, Bellcore GR-253-
   CORE and Bellcore GR-499-CORE standards.
• Selectable buffer size of 16 and 32 bits
• Jitter attenuator can be disabled
• Available in a 32 pin TQFP package.
• Single 3.3V or 5.0V supply.
• Operates over - 400 C to 850 C temperature range.

APPLICATIONS
• E3/DS3 Access Equipment.
• DSLAMs




Similar Part No. - XRT71D00

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
278Kb / 26P
E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D00IQ EXAR-XRT71D00IQ Datasheet
278Kb / 26P
E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
E3/DS3/STS-1 JITTER ATTENUATOR
More results


Similar Description - XRT71D00

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D04 EXAR-XRT71D04 Datasheet
264Kb / 22P
4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
logo
TDK Electronics
78P7200L TDK-78P7200L Datasheet
339Kb / 24P
E3/DS3/STS-1 Transceiver
logo
Asahi Kasei Microsystem...
AK2504A AKM-AK2504A Datasheet
185Kb / 30P
DS3/STS-1/E3 Transceiver
logo
Exar Corporation
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
E3/DS3/STS-1 JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
logo
XFMRS Inc.
XF0506-20 XFMRS-XF0506-20 Datasheet
36Kb / 1P
T3/DS3/E3/STS-1
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
12-Port DS3/E3/STS-1 Digital Jitter Attenuator
logo
XFMRS Inc.
XF0506-20 XFMRS-XF0506-20_15 Datasheet
36Kb / 1P
T3/DS3/E3/STS-1
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com