Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT71D00 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT71D00
Description  E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT71D00 Datasheet(HTML) 5 Page - Exar Corporation

  XRT71D00 Datasheet HTML 1Page - Exar Corporation XRT71D00 Datasheet HTML 2Page - Exar Corporation XRT71D00 Datasheet HTML 3Page - Exar Corporation XRT71D00 Datasheet HTML 4Page - Exar Corporation XRT71D00 Datasheet HTML 5Page - Exar Corporation XRT71D00 Datasheet HTML 6Page - Exar Corporation XRT71D00 Datasheet HTML 7Page - Exar Corporation XRT71D00 Datasheet HTML 8Page - Exar Corporation XRT71D00 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
XRT71D00
E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER


REV. 1.01
5
11
FSS/(SClk)
I
FIFO Size Select Input/Serial Clock Input.
The function of this depends on whether XRT71D00 is configured in Hard-
ware or Host mode.
Hardware Mode—FIFO Size Select Input
When high: Selects 32 bits FIFO.
When low: Selects 16 bits FIFO.
Host Mode—Microprocessor Serial Interface Clock Signal
This signal will be used to (1) sample the data, on the SDI pin, on the rising
edge of this signal. Additionally, during “Read” operations, the Micropro-
cessor Serial Interface will update the SDO output on the falling edge of
this signal.
12
HOST/HW
I
Host/Hardware Mode Select:
An active-high input enables the Host mode. Data is written to the com-
mand registers to configure the XRT71D00.
In the Host mode, the states of discrete input pins are inactive.
An active-low input enables the Hardware Mode.In this mode, the discrete
inputs are active.
13
NC
***
This pin is not connected internally.
14
FL
O
FIFO Limit.
This output pin is driven high whenever the internal FIFO comes within
two-bits of being completely full.
15
BWS/
Ch_Addr_1
I
Bandwidth Select Input/Channel Addr_1 Assignment Input.
The function of this input pin depends on whether XRT71D00 is configured
in Host or Hardware mode.
Hardware Mode—Bandwidth Select Input:
Connect this pin high to select wide jitter transfer bandwidth, and connect
low to select narrow jitter transfer bandwidth.
Host Mode—Channel_Addr_1 Assignment Input:
This input pin, along with pin 28 permits the user to assign a “Channel
Address” to the XRT71D00 device.
16
NC
***
This pin is not connected internally.
17
NC
***
This pin is not connected internally.
18
DJA/
(SDO)
I/(O)
Disable Jitter Attenuator Input/Serial Data Output pin:
The function of this pin depends on whether XRT71D00 is configured in
Host or Hardware mode.
Hardware Mode—Disable Jitter Attenuator:
An active-high disables the Jitter Attenuator.The RPOS/RNEG and RClk
will be passed through without jitter attenuation.
Host Mode—Serial Data Output:
This pin will serially output the contents of the specified Command Regis-
ter, during “Read” Operations. The data, on this pin, will be updated on the
falling edge of the SClk input signal. This pin will be tri-stated upon com-
pletion of data transfer.
NOTE: The user is advised to tie this pin to GND, if the XRT71D00 has
been configured to operate in the “HOST” Mode.
19
RST
I
Reset Input. (Active-Low)
A high-low transition will re-center the internal FIFO, and will clear the
Command Registers (for Host Mode operation). Resetting this pin may
corrupt data within the device.
For normal operation, pull this pin to VDD.
PIN DESCRIPTION
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com