Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT73L02M Datasheet (PDF) - Exar Corporation

XRT73L02M Datasheet PDF - Exar Corporation
Part # XRT73L02M
Download  XRT73L02M Download
File Size   632.22 Kbytes
Page   46 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT

XRT73L02M Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT73L02M Datasheet PDF - Exar Corporation

Part # XRT73L02M
Download  XRT73L02M Click to download

File Size   632.22 Kbytes
Page   46 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT

XRT73L02M Datasheet (HTML) - Exar Corporation


XRT73L02M Product details

GENERAL DESCRIPTION

The XRT73L02M is a two-channel fully integrated Line Interface Unit (LIU) for E3/DS3/STS-1 applications. It incorporates independent Receivers, Transmitters in a single 100 pin TQFP package.



FEATURES

RECEIVER:

• On chip Clock and Data Recovery circuit for high input jitter tolerance.

• Meets the jitter tolerance requirements as specified in ITU-T G.823_1993 for E3 and Telcordia GR-499-CORE for DS3 applications.

• Detects and Clears LOS as per G.775.

• Receiver Monitor mode handles up to 20 dB flat loss with 6 dB cable attenuation.

• On chip B3ZS/HDB3 encoder and decoder that can either be enabled or disabled.

• On-chip clock synthesizer generates the appropriate rate clock from a single frequency XTAL.

• Provides low jitter clock outputs for either DS3,E3 or STS-1 rates.

• On-chip clock synthesizer provides the appropriate rate clock from a single 12.288 MHz Clock.

• Provides low jitter output clock.



APPLICATIONS

• E3/DS3 Access Equipment.

• STS1-SPE to DS3 Mapper.

• DSLAMs.

• Digital Cross Connect Systems.

• CSU/DSU Equipment.

• Routers.

• Fiber Optic Terminals.



 




Similar Part No. - XRT73L02M

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L00 EXAR-XRT73L00 Datasheet
597Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00AIV EXAR-XRT73L00AIV Datasheet
597Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Pulse A Technitrol Comp...
XRT73L00L03/L04 PULSE-XRT73L00L03/L04 Datasheet
131Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS
logo
Exar Corporation
XRT73L03 EXAR-XRT73L03 Datasheet
716Kb / 62P
3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
More results


Similar Description - XRT73L02M

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75L02 EXAR-XRT75L02 Datasheet
323Kb / 50P
TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
E3/DS3/STS-1 LINE INTERFACE UNIT
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com