Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83D10 Datasheet (PDF) - Exar Corporation

XRT83D10 Datasheet PDF - Exar Corporation
Part # XRT83D10
Download  XRT83D10 Download
File Size   262.12 Kbytes
Page   18 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description SINGLE CHANNEL DS1/CEPT LINE INTERFACE UNIT

XRT83D10 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT83D10 Datasheet PDF - Exar Corporation

Part # XRT83D10
Download  XRT83D10 Click to download

File Size   262.12 Kbytes
Page   18 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description SINGLE CHANNEL DS1/CEPT LINE INTERFACE UNIT

XRT83D10 Datasheet (HTML) - Exar Corporation


XRT83D10 Product details

GENERAL DESCRIPTION
The XRT83D10 is a fully integrated, single channel, Line Interface Unit (Transceiver) for 75 Ω or 120 Ω E1 (2.048 Mbps) and 100Ω DS1 (1.544 Mbps) applications. The LIU consists of a receiver with adaptive data slicer for accurate data and clock recovery and a transmitter which accepts dual-rail digital inputs for signal transmission to the line using a low- impedance differential line driver. The LIU also includes a crystal-less jitter attenuator for clock and data smoothing which, depending on system requirements, can be selected in either the transmit or receive path.

FEATURES
• Complete E1 (CEPT) and DS1 Line Interface Unit
• Generates transmit output pulses that are compliant with the ITU-T G.703 Pulse Template for 2.048Mbps (E1) rates
• On-Chip Pulse Shaping for both 75 Ω ,120 Ω and 100 Ω Line Drivers
• Clock Recovery and Selectable Crystal-less Jitter attenuator
• Compliant with ETS300166 Return Loss
• Compliant with the ITU-T G.823 Jitter Tolerance Requirements
• Remote, Local and Digital Loop backs
• Declares and Clears LOS per ITU-T G.775
• -40°C to 85°C Temperature Range
• Low Power Dissipation
• +5V or +3.3V Supply Operation
• Pin Compatible with AGERE T7290A and T5290A

APPLICATIONS
• PDH Multiplexers
• SDH Multiplexers
• Digital Cross-Connect Systems
• DECT (Digital European Cordless Telephone) Base Stations
• CSU/DSU Equipment




Similar Part No. - XRT83D10

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
1Mb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30IV EXAR-XRT83L30IV Datasheet
1Mb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
More results


Similar Description - XRT83D10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T7289A ETC-T7289A Datasheet
976Kb / 17P
DS1 LINE INTERFACE
logo
Exar Corporation
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
List of Unclassifed Man...
T7290 ETC1-T7290 Datasheet
1Mb / 23P
T7290 DS1/T1/CEPT Line Interface
T7290A ETC1-T7290A Datasheet
1Mb / 23P
T7290A DS1/T1/CEPT Line Interface
logo
Bel Fuse Inc.
0553-6500-17 BEL-0553-6500-17 Datasheet
36Kb / 2P
T1/CEPT Single Line Interface Transformers
logo
Exar Corporation
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2051E IDT-IDT82V2051E Datasheet
1Mb / 61P
SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
XFMRS Inc.
XF0013D1 XFMRS-XF0013D1 Datasheet
51Kb / 1P
T1 / CEPT / DS1 MAGNETICS
1003 XFMRS-1003_15 Datasheet
51Kb / 1P
T1 / CEPT / DS1 MAGNETICS
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com