Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83L30 Datasheet (PDF) - Exar Corporation

XRT83L30 Datasheet PDF - Exar Corporation
Part # XRT83L30
Download  XRT83L30 Download
File Size   429.82 Kbytes
Page   78 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR

XRT83L30 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT83L30 Datasheet PDF - Exar Corporation

Part # XRT83L30
Download  XRT83L30 Click to download

File Size   429.82 Kbytes
Page   78 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR

XRT83L30 Datasheet (HTML) - Exar Corporation


XRT83L30 Product details

GENERAL DESCRIPTION
The XRT83L30 is a fully integrated single-channel long-haul and short-haul line interface unit for T1(1.544Mbps) 100Ω, E1(2.048Mbps) 75Ω or 120Ω and J1 110Ω applications.

FEATURES
• Fully integrated single-channel long-haul and short-haul transceiver for E1,T1 or J1 applications.
• Adaptive Receive Equalizer for cable attenuation of up to 45dB for T1 and 43dB for E1.
• Programmable Transmit Pulse Shaper for E1,T1 or J1 short-haul interfaces.
• Five fixed transmit pulse settings for T1 short-haul applications plus a fully programmable waveform generator for transmit output pulse shaping.
• Programmable Transmit Line Build-Outs (LBO) for T1 long-haul application from 0dB to -22.5dB in three 7.5dB steps.
• Tri-State transmit output and receive input capability for redundancy applications
• Selectable receiver sensitivity from 0 to 36dB or 0 to 45dB cable loss for T1 @772kHz and 0 to 43dB for E1 @1024kHz.
• High receiver interference immunity
• Receive monitor mode handles 0 to 29dB resistive attenuation along with 0 to 6dB of cable attenuation for both T1 and E1 modes.
• Supports 75Ω and 120Ω (E1), 100Ω (T1) and 110Ω (J1) applications.
• Internal and external impedance matching for 75Ω,100Ω, 110Ω and 120Ω.
• Transmit return loss meets or exceeds ETSI 300 166 standard
• On-chip digital clock recovery circuit for high input jitter tolerance
• Crystal-less digital jitter attenuator with 32-bit or 64-bit FIFO Selectable either in transmit or receive path
• On-chip frequency multiplier generates T1 or E1 Master clocks from variety of external clock sources
• On-chip transmit short-circuit protection and limiting, and driver fail monitor output (DMO)

• Receive loss of signal (RLOS) output
• On-chip HDB3/B8ZS/AMI encoder/decoder
• QRSS pattern generation and detection for testing and monitoring
• Error and Bipolar Violation Insertion and Detection
• Receiver Line Attenuation Indication Output in 1dB steps
• Network Loop-Code Detection for automatic Loop-Back Activation/Deactivation
• Transmit All Ones (TAOS) and In-Band Network Loop Up and Down code generators
• Supports Analog, Remote, Digital and Dual Loop-Back Modes
• Meets or exceeds T1 and E1 short-haul and long-haul network access specifications in ITU G.703, G.775, G.736 and G.823; TR-TSY-000499; ANSI T1.403 and T1.408; ETSI 300-166 and AT&T Pub 62411
• Supports both Hardware and serial Microprocessor interface for programming
• Programmable Interrupt
• Low power dissipation
• Logic inputs accept either 3.3V or 5V levels
• Single +3.3V Supply Operation
• 64 pin TQFP package
• -40°C to +85°C Temperature Range

APPLICATIONS
• T1 Digital Cross-Connects (DSX-1)
• ISDN Primary Rate Interface
• CSU/DSU E1/T1/J1 Interface
• T1/E1/J1 LAN/WAN Routers
• Public switching Systems and PBX Interfaces
• T1/E1/J1 Multiplexer and Channel Banks




Similar Part No. - XRT83L30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
1Mb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30IV EXAR-XRT83L30IV Datasheet
1Mb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results


Similar Description - XRT83L30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com